전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z8F3221PM020AC 데이터시트(PDF) 83 Page - Zilog, Inc.

부품명 Z8F3221PM020AC
상세설명  High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Download  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F3221PM020AC 데이터시트(HTML) 83 Page - Zilog, Inc.

Back Button Z8F3221PM020AC Datasheet HTML 79Page - Zilog, Inc. Z8F3221PM020AC Datasheet HTML 80Page - Zilog, Inc. Z8F3221PM020AC Datasheet HTML 81Page - Zilog, Inc. Z8F3221PM020AC Datasheet HTML 82Page - Zilog, Inc. Z8F3221PM020AC Datasheet HTML 83Page - Zilog, Inc. Z8F3221PM020AC Datasheet HTML 84Page - Zilog, Inc. Z8F3221PM020AC Datasheet HTML 85Page - Zilog, Inc. Z8F3221PM020AC Datasheet HTML 86Page - Zilog, Inc. Z8F3221PM020AC Datasheet HTML 87Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 299 page
background image
PS019915-1005
Interrupt Controller
Z8 Encore!® 64K Series
Product Specification
63
Table 23. Interrupt Vectors in Order of Priority
Priority
Program Memory
Vector Address
Interrupt Source
Highest
0002H
Reset (not an interrupt)
0004H
Watch-Dog Timer (see Watch-Dog Timer chapter)
0006H
Illegal Instruction Trap (not an interrupt)
0008H
Timer 2
000AH
Timer 1
000CH
Timer 0
000EH
UART 0 receiver
0010H
UART 0 transmitter
0012H
I2C
0014H
SPI
0016H
ADC
0018H
Port A7 or Port D7, rising or falling input edge
001AH
Port A6 or Port D6, rising or falling input edge
001CH
Port A5 or Port D5, rising or falling input edge
001EH
Port A4 or Port D4, rising or falling input edge
0020H
Port A3 or Port D3, rising or falling input edge
0022H
Port A2 or Port D2, rising or falling input edge
0024H
Port A1 or Port D1, rising or falling input edge
0026H
Port A0 or Port D0, rising or falling input edge
0028H
Timer 3 (not available in 44-pin packages)
002AH
UART 1 receiver
002CH
UART 1 transmitter
002EH
DMA
0030H
Port C3, both input edges
0032H
Port C2, both input edges
0034H
Port C1, both input edges
Lowest
0036H
Port C0, both input edges


유사한 부품 번호 - Z8F3221PM020AC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F32 ZILOG-Z8F32 Datasheet
149Kb / 2P
   MCU Development Kit
Z8F3201 ZILOG-Z8F3201 Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
119Kb / 6P
   Advanced 20MHz 32KB Flash Microcontroller
Z8F3201AN020SC ZILOG-Z8F3201AN020SC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
More results

유사한 설명 - Z8F3221PM020AC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F041APB020SC ZILOG-Z8F041APB020SC Datasheet
3Mb / 276P
   Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
Z8FMC16MCU ZILOG-Z8FMC16MCU Datasheet
337Kb / 14P
   Z8 Encore-R Motor Control Series
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
Z8F082ASH020SC ZILOG-Z8F082ASH020SC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
   High Performance 8-Bit Microcontrollers
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com