전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z8F3221AN020AC 데이터시트(PDF) 67 Page - Zilog, Inc.

부품명 Z8F3221AN020AC
상세설명  High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Download  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F3221AN020AC 데이터시트(HTML) 67 Page - Zilog, Inc.

Back Button Z8F3221AN020AC Datasheet HTML 63Page - Zilog, Inc. Z8F3221AN020AC Datasheet HTML 64Page - Zilog, Inc. Z8F3221AN020AC Datasheet HTML 65Page - Zilog, Inc. Z8F3221AN020AC Datasheet HTML 66Page - Zilog, Inc. Z8F3221AN020AC Datasheet HTML 67Page - Zilog, Inc. Z8F3221AN020AC Datasheet HTML 68Page - Zilog, Inc. Z8F3221AN020AC Datasheet HTML 69Page - Zilog, Inc. Z8F3221AN020AC Datasheet HTML 70Page - Zilog, Inc. Z8F3221AN020AC Datasheet HTML 71Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 299 page
background image
PS019915-1005
Reset and STOP Mode Recovery
Z8 Encore!® 64K Series
Product Specification
47
cycles, the devices progress through the System Reset sequence. While the RESET input
pin is asserted Low, the 64K Series devices continue to be held in the Reset state. If the
RESET pin is held Low beyond the System Reset time-out, the devices exit the Reset state
immediately following RESET pin deassertion. Following a System Reset initiated by the
external RESET pin, the EXT status bit in the Watch-Dog Timer Control (WDTCTL) reg-
ister is set to 1.
On-Chip Debugger Initiated Reset
A Power-On Reset can be initiated using the On-Chip Debugger by setting the RST bit in
the OCD Control register. The On-Chip Debugger block is not reset but the rest of the chip
goes through a normal system reset. The RST bit automatically clears during the system
reset. Following the system reset the POR bit in the WDT Control register is set.
STOP Mode Recovery
STOP mode is entered by the eZ8 executing a STOP instruction. Refer to the Section
Low-Power Modes on page 49 for detailed STOP mode information. During STOP Mode
Recovery, the devices are held in reset for 66 cycles of the Watch-Dog Timer oscillator
followed by 16 cycles of the system clock. STOP Mode Recovery only affects the contents
of the Watch-Dog Timer Control register. STOP Mode Recovery does not affect any other
values in the Register File, including the Stack Pointer, Register Pointer, Flags, peripheral
control registers, and general-purpose RAM.
The eZ8 CPU fetches the Reset vector at Program Memory addresses 0002H and 0003H
and loads that value into the Program Counter. Program execution begins at the Reset vec-
tor address. Following STOP Mode Recovery, the STOP bit in the Watch-Dog Timer Con-
trol Register is set to 1. Table 10 lists the STOP Mode Recovery sources and resulting
actions. The text following provides more detailed information on each of the STOP Mode
Recovery sources.
Table 10. STOP Mode Recovery Sources and Resulting Action
Operating Mode
STOP Mode Recovery Source
Action
STOP mode
Watch-Dog Timer time-out
when configured for Reset
STOP Mode Recovery
Watch-Dog Timer time-out
when configured for interrupt
STOP Mode Recovery followed by interrupt (if
interrupts are enabled)
Data transition on any GPIO Port pin
enabled as a STOP Mode Recovery
source
STOP Mode Recovery


유사한 부품 번호 - Z8F3221AN020AC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F32 ZILOG-Z8F32 Datasheet
149Kb / 2P
   MCU Development Kit
Z8F3201 ZILOG-Z8F3201 Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
119Kb / 6P
   Advanced 20MHz 32KB Flash Microcontroller
Z8F3201AN020SC ZILOG-Z8F3201AN020SC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
More results

유사한 설명 - Z8F3221AN020AC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F041APB020SC ZILOG-Z8F041APB020SC Datasheet
3Mb / 276P
   Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
Z8FMC16MCU ZILOG-Z8FMC16MCU Datasheet
337Kb / 14P
   Z8 Encore-R Motor Control Series
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
Z8F082ASH020SC ZILOG-Z8F082ASH020SC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
   High Performance 8-Bit Microcontrollers
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com