전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z8F3221VN020AC 데이터시트(PDF) 65 Page - Zilog, Inc.

부품명 Z8F3221VN020AC
상세설명  High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Download  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F3221VN020AC 데이터시트(HTML) 65 Page - Zilog, Inc.

Back Button Z8F3221VN020AC Datasheet HTML 61Page - Zilog, Inc. Z8F3221VN020AC Datasheet HTML 62Page - Zilog, Inc. Z8F3221VN020AC Datasheet HTML 63Page - Zilog, Inc. Z8F3221VN020AC Datasheet HTML 64Page - Zilog, Inc. Z8F3221VN020AC Datasheet HTML 65Page - Zilog, Inc. Z8F3221VN020AC Datasheet HTML 66Page - Zilog, Inc. Z8F3221VN020AC Datasheet HTML 67Page - Zilog, Inc. Z8F3221VN020AC Datasheet HTML 68Page - Zilog, Inc. Z8F3221VN020AC Datasheet HTML 69Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 299 page
background image
PS019915-1005
Reset and STOP Mode Recovery
Z8 Encore!® 64K Series
Product Specification
45
voltage threshold (VPOR), the POR Counter is enabled and counts 66 cycles of the Watch-
Dog Timer oscillator. After the POR counter times out, the XTAL Counter is enabled to
count a total of 16 system clock pulses. The devices are held in the Reset state until both
the POR Counter and XTAL counter have timed out. After the 64K Series devices exit the
Power-On Reset state, the eZ8 CPU fetches the Reset vector. Following Power-On Reset,
the POR status bit in the Watch-Dog Timer Control (WDTCTL) register is set to 1.
Figure 8 illustrates Power-On Reset operation. Refer to the Electrical Characteristics
chapter for the POR threshold voltage (VPOR).
Figure 8. Power-On Reset Operation)
Voltage Brown-Out Reset
The devices in the 64K Series provide low Voltage Brown-Out (VBO) protection. The
VBO circuit senses when the supply voltage drops to an unsafe level (below the VBO
threshold voltage) and forces the device into the Reset state. While the supply voltage
remains below the Power-On Reset voltage threshold (VPOR), the VBO block holds the
device in the Reset state.
After the supply voltage again exceeds the Power-On Reset voltage threshold, the devices
progress through a full System Reset sequence, as described in the Power-On Reset sec-
VCC = 0.0V
VCC = 3.3V
VPOR
VVBO
Primary
Oscillator
Internal RESET
signal
Program
Execution
Oscillator
Start-up
XTAL
WDT Clock
POR
counter delay
counter delay
Not to Scale


유사한 부품 번호 - Z8F3221VN020AC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F32 ZILOG-Z8F32 Datasheet
149Kb / 2P
   MCU Development Kit
Z8F3201 ZILOG-Z8F3201 Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
119Kb / 6P
   Advanced 20MHz 32KB Flash Microcontroller
Z8F3201AN020SC ZILOG-Z8F3201AN020SC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
More results

유사한 설명 - Z8F3221VN020AC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F041APB020SC ZILOG-Z8F041APB020SC Datasheet
3Mb / 276P
   Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
Z8FMC16MCU ZILOG-Z8FMC16MCU Datasheet
337Kb / 14P
   Z8 Encore-R Motor Control Series
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
Z8F082ASH020SC ZILOG-Z8F082ASH020SC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
   High Performance 8-Bit Microcontrollers
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com