전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z8F3221VN020AC 데이터시트(PDF) 68 Page - Zilog, Inc.

부품명 Z8F3221VN020AC
상세설명  High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Download  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F3221VN020AC 데이터시트(HTML) 68 Page - Zilog, Inc.

Back Button Z8F3221VN020AC Datasheet HTML 64Page - Zilog, Inc. Z8F3221VN020AC Datasheet HTML 65Page - Zilog, Inc. Z8F3221VN020AC Datasheet HTML 66Page - Zilog, Inc. Z8F3221VN020AC Datasheet HTML 67Page - Zilog, Inc. Z8F3221VN020AC Datasheet HTML 68Page - Zilog, Inc. Z8F3221VN020AC Datasheet HTML 69Page - Zilog, Inc. Z8F3221VN020AC Datasheet HTML 70Page - Zilog, Inc. Z8F3221VN020AC Datasheet HTML 71Page - Zilog, Inc. Z8F3221VN020AC Datasheet HTML 72Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 299 page
background image
PS019915-1005
Reset and STOP Mode Recovery
Z8 Encore!® 64K Series
Product Specification
48
STOP Mode Recovery Using Watch-Dog Timer Time-Out
If the Watch-Dog Timer times out during STOP mode, the device undergoes a STOP
Mode Recovery sequence. In the Watch-Dog Timer Control register, the WDT and STOP
bits are set to 1. If the Watch-Dog Timer is configured to generate an interrupt upon time-
out and the 64K Series devices are configured to respond to interrupts, the eZ8 CPU ser-
vices the Watch-Dog Timer interrupt request following the normal STOP Mode Recovery
sequence.
STOP Mode Recovery Using a GPIO Port Pin Transition HALT
Each of the GPIO Port pins may be configured as a STOP Mode Recovery input source.
On any GPIO pin enabled as a STOP Mode Recovery source, a change in the input pin
value (from High to Low or from Low to High) initiates STOP Mode Recovery. The GPIO
STOP Mode Recovery signals are filtered to reject pulses less than 10ns (typical) in dura-
tion. In the Watch-Dog Timer Control register, the STOP bit is set to 1.
In STOP mode, the GPIO Port Input Data registers (PxIN) are disabled.
The Port Input Data registers record the Port transition only if the signal
stays on the Port pin through the end of the STOP Mode Recovery delay.
Thus, short pulses on the Port pin can initiate STOP Mode Recovery with-
out being written to the Port Input Data register or without initiating an in-
terrupt (if enabled for that pin).
Caution:


유사한 부품 번호 - Z8F3221VN020AC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F32 ZILOG-Z8F32 Datasheet
149Kb / 2P
   MCU Development Kit
Z8F3201 ZILOG-Z8F3201 Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
119Kb / 6P
   Advanced 20MHz 32KB Flash Microcontroller
Z8F3201AN020SC ZILOG-Z8F3201AN020SC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
More results

유사한 설명 - Z8F3221VN020AC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F041APB020SC ZILOG-Z8F041APB020SC Datasheet
3Mb / 276P
   Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
Z8FMC16MCU ZILOG-Z8FMC16MCU Datasheet
337Kb / 14P
   Z8 Encore-R Motor Control Series
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
Z8F082ASH020SC ZILOG-Z8F082ASH020SC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
   High Performance 8-Bit Microcontrollers
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com