전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Z8F3222AR020AC 데이터시트(PDF) 35 Page - Zilog, Inc.

부품명 Z8F3222AR020AC
상세설명  High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Download  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZILOG [Zilog, Inc.]
홈페이지  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F3222AR020AC 데이터시트(HTML) 35 Page - Zilog, Inc.

Back Button Z8F3222AR020AC Datasheet HTML 31Page - Zilog, Inc. Z8F3222AR020AC Datasheet HTML 32Page - Zilog, Inc. Z8F3222AR020AC Datasheet HTML 33Page - Zilog, Inc. Z8F3222AR020AC Datasheet HTML 34Page - Zilog, Inc. Z8F3222AR020AC Datasheet HTML 35Page - Zilog, Inc. Z8F3222AR020AC Datasheet HTML 36Page - Zilog, Inc. Z8F3222AR020AC Datasheet HTML 37Page - Zilog, Inc. Z8F3222AR020AC Datasheet HTML 38Page - Zilog, Inc. Z8F3222AR020AC Datasheet HTML 39Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 299 page
background image
PS019915-1005
Signal and Pin Descriptions
Z8 Encore!® 64K Series
Product Specification
15
XOUT
O
External Crystal Output. This pin is the output of the crystal oscillator. A crystal can
be connected between it and the
XIN pin to form the oscillator. When the system
clock is referred to in this manual, it refers to the frequency of the signal at this pin.
This pin must be left unconnected when not using a crystal.
RCOUT
O
RC Oscillator Output. This signal is the output of the RC oscillator. It is multiplexed
with a general-purpose I/O pin. This signal must be left unconnected when not using
a crystal.
On-Chip Debugger
DBG
I/O
Debug. This pin is the control and data input and output to and from the On-Chip
Debugger. This pin is open-drain.
For operation of the On-Chip Debugger, all power pins (VDD and AVDD) must be
supplied with power and all ground pins (VSS and AVSS) must be properly grounded.
The DBG pin is open-drain and must have an external pull-up resistor to ensure
proper operation.
Reset
RESET
I
RESET. Generates a Reset when asserted (driven Low).
Power Supply
VDD
I
Power Supply.
AVDD
I
Analog Power Supply.
VSS
I
Ground.
AVSS
I
Analog Ground.
Table 3. Signal Descriptions (Continued)
Signal
Mnemonic
I/O
Description
Caution:


유사한 부품 번호 - Z8F3222AR020AC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F32 ZILOG-Z8F32 Datasheet
149Kb / 2P
   MCU Development Kit
Z8F3201 ZILOG-Z8F3201 Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Z8F3201AN020EC ZILOG-Z8F3201AN020EC Datasheet
119Kb / 6P
   Advanced 20MHz 32KB Flash Microcontroller
Z8F3201AN020SC ZILOG-Z8F3201AN020SC Datasheet
1Mb / 246P
   Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
More results

유사한 설명 - Z8F3222AR020AC

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F041APB020SC ZILOG-Z8F041APB020SC Datasheet
3Mb / 276P
   Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
Z8FMC16MCU ZILOG-Z8FMC16MCU Datasheet
337Kb / 14P
   Z8 Encore-R Motor Control Series
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
Z8F082ASH020SC ZILOG-Z8F082ASH020SC Datasheet
2Mb / 244P
   Z8 Encore XP-R F08xA Series with eXtended Peripherals
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
   High Performance 8-Bit Microcontrollers
logo
ATMEL Corporation
TS80C51RA2 ATMEL-TS80C51RA2 Datasheet
903Kb / 74P
   High Performance 8-bit Microcontrollers
logo
Zilog, Inc.
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com