전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MNDS26LS31M-X 데이터시트(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 MNDS26LS31M-X
상세설명  QUAD HIGH SPEED DIFFERENTIAL LINE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

MNDS26LS31M-X 데이터시트(HTML) 5 Page - National Semiconductor (TI)

  MNDS26LS31M-X Datasheet HTML 1Page - National Semiconductor (TI) MNDS26LS31M-X Datasheet HTML 2Page - National Semiconductor (TI) MNDS26LS31M-X Datasheet HTML 3Page - National Semiconductor (TI) MNDS26LS31M-X Datasheet HTML 4Page - National Semiconductor (TI) MNDS26LS31M-X Datasheet HTML 5Page - National Semiconductor (TI) MNDS26LS31M-X Datasheet HTML 6Page - National Semiconductor (TI) MNDS26LS31M-X Datasheet HTML 7Page - National Semiconductor (TI) MNDS26LS31M-X Datasheet HTML 8Page - National Semiconductor (TI) MNDS26LS31M-X Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MNDS26LS31M-X REV 0A0
MILITARY DATA SHEET
Electrical Characteristics
AC PARAMETERS: PROPAGATION DELAY TIME:
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
Vcc=5V, Cl=50pF or equivalent impedance provided by diode load.
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
tPLH
Input to Output
2, 3
15
nS
9
2, 3
30
nS
10, 11
tPHL
Input to Output
2, 3
15
nS
9
2, 3
30
nS
10, 11
Skew
Output to Output
2, 3
6
nS
9
2, 3
9
nS
10, 11
tLZ
Enable Time
S2 Open, Enable
2, 3
35
nS
9
2, 3
53
nS
10, 11
S2 Open, /Enable
2, 3
35
nS
9
2, 3
53
nS
10, 11
tHZ
Enable Time
S1 Open, Enable
2, 3
25
nS
9
2, 3
45
nS
10, 11
S1 Open, /Enable
2, 3
25
nS
9
2, 3
45
nS
10, 11
tZL
Disable Time
S2 Open, Enable
2, 3
30
nS
9
2, 3
68
nS
10, 11
S2 Open, /Enable
2, 3
30
nS
9
2, 3
68
nS
10, 11
tZH
Disable Time
S1 Open, Enable
2, 3
30
nS
9
2, 3
60
nS
10, 11
S1 Open, /Enable
2, 3
30
nS
9
2, 3
60
nS
10, 11
Note 1:
Parameter tested go-no-go only.
Note 2:
Subgroups 1,2 and 9,10:
Power dissipation must be externally controlled at elevated
temperatures.
Note 3:
SBGRP 10 and 11 guaranteed but not tested.
5


유사한 부품 번호 - MNDS26LS31M-X

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
MNDS26C31M-X NSC-MNDS26C31M-X Datasheet
350Kb / 15P
   CMOS QUAD TRI-STATE DIFFERENTIAL LINE DRIVER
MNDS26F32M-X-RH NSC-MNDS26F32M-X-RH Datasheet
313Kb / 12P
   QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
MNDS26F32ME/883 NSC-MNDS26F32ME/883 Datasheet
313Kb / 12P
   QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
MNDS26F32MER-QML NSC-MNDS26F32MER-QML Datasheet
313Kb / 12P
   QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
MNDS26F32MJ-QMLV NSC-MNDS26F32MJ-QMLV Datasheet
313Kb / 12P
   QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
More results

유사한 설명 - MNDS26LS31M-X

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DS26LS31C NSC-DS26LS31C Datasheet
226Kb / 8P
   Quad High Speed Differential Line Driver
logo
Texas Instruments
DS26LS31MQML TI1-DS26LS31MQML Datasheet
647Kb / 14P
[Old version datasheet]   DS26LS31MQML Quad High Speed Differential Line Driver
DS26LS31ME-SMD TI-DS26LS31ME-SMD Datasheet
470Kb / 14P
[Old version datasheet]   DS26LS31MQML Quad High Speed Differential Line Driver
DS26LS31CMX TI-DS26LS31CMX Datasheet
885Kb / 13P
[Old version datasheet]   DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
DS26LS31C TI1-DS26LS31C_15 Datasheet
905Kb / 13P
[Old version datasheet]   DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
Exar Corporation
SP26LV431 EXAR-SP26LV431 Datasheet
777Kb / 22P
   HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com