전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC088S022 데이터시트(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 ADC088S022
상세설명  8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC088S022 데이터시트(HTML) 4 Page - National Semiconductor (TI)

  ADC088S022 Datasheet HTML 1Page - National Semiconductor (TI) ADC088S022 Datasheet HTML 2Page - National Semiconductor (TI) ADC088S022 Datasheet HTML 3Page - National Semiconductor (TI) ADC088S022 Datasheet HTML 4Page - National Semiconductor (TI) ADC088S022 Datasheet HTML 5Page - National Semiconductor (TI) ADC088S022 Datasheet HTML 6Page - National Semiconductor (TI) ADC088S022 Datasheet HTML 7Page - National Semiconductor (TI) ADC088S022 Datasheet HTML 8Page - National Semiconductor (TI) ADC088S022 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ADC088S022 Converter Electrical Characteristics (Note 8) (Continued)
The following specifications apply for V
A =VD = +2.7V to +5.25V, AGND = DGND = 0V, fSCLK = 0.8 MHz to 3.2 MHz, fSAMPLE
= 50 kSPS to 200 kSPS, and C
L = 50pF, unless otherwise noted. Boldface limits apply for TA =TMIN to TMAX: all other limits
T
A = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
(Note 7)
Units
DIGITAL INPUT CHARACTERISTICS
V
IH
Input High Voltage
V
A =VD = +2.7V to +3.6V
2.1
V (min)
V
A =VD = +4.75V to +5.25V
2.4
V (min)
V
IL
Input Low Voltage
0.8
V (max)
I
IN
Input Current
V
IN =0VorVD
±0.01
±1
µA (max)
C
IND
Digital Input Capacitance
2
4
pF (max)
DIGITAL OUTPUT CHARACTERISTICS
V
OH
Output High Voltage
I
SOURCE = 200 µA,
V
D − 0.5
V (min)
V
OL
Output Low Voltage
I
SINK = 200 µA to 1.0 mA,
0.4
V (max)
I
OZH,IOZL
Hi-Impedance Output Leakage
Current
±1
µA (max)
C
OUT
Hi-Impedance Output Capacitance
(Note 8)
2
4
pF (max)
Output Coding
Straight (Natural) Binary
POWER SUPPLY CHARACTERISTICS (C
L =10pF)
V
A,VD
Analog and Digital Supply Voltages
V
A
≥ V
D
2.7
V (min)
5.25
V (max)
I
A +ID
Total Supply Current
Normal Mode ( CS low)
V
A =VD = +2.7V to +3.6V,
f
SAMPLE = 1 MSPS, fIN =40kHz
0.3
0.74
mA (max)
V
A =VD = +4.75V to +5.25V,
f
SAMPLE = 1 MSPS, fIN =40kHz
1.1
1.55
mA (max)
Total Supply Current
Shutdown Mode (CS high)
V
A =VD = +2.7V to +3.6V,
f
SCLK = 0 kSPS
10
nA
V
A =VD = +4.75V to +5.25V,
f
SCLK = 0 kSPS
30
nA
P
C
Power Consumption
Normal Mode ( CS low)
V
A =VD = +3.0V
f
SAMPLE = 1 MSPS, fIN =40kHz
0.9
2.2
mW (max)
V
A =VD = +5.0V
f
SAMPLE = 1 MSPS, fIN =40kHz
5.5
7.8
mW (max)
Power Consumption
Shutdown Mode (CS high)
V
A =VD = +3.0V
f
SCLK = 0 kSPS
0.03
µW
V
A =VD = +5.0V
f
SCLK = 0 kSPS
0.15
µW
AC ELECTRICAL CHARACTERISTICS
f
SCLKMIN
Minimum Clock Frequency
0.8
MHz (min)
f
SCLK
Maximum Clock Frequency
16
3.2
MHz (max)
f
S
Sample Rate
Continuous Mode
50
kSPS (min)
1000
200
kSPS (max)
t
CONVERT
Conversion (Hold) Time
13
SCLK cycles
DC
SCLK Duty Cycle
30
40
% (min)
70
60
% (max)
t
ACQ
Acquisition (Track) Time
3
SCLK cycles
Throughput Time
Acquisition Time + Conversion Time
16
SCLK cycles
t
AD
Aperture Delay
4
ns
www.national.com
4


유사한 부품 번호 - ADC088S022

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC088S022 TI-ADC088S022 Datasheet
1Mb / 24P
[Old version datasheet]   A low-power, eight-channel CMOS 8-bit analog-to-digital converter specified for comversion throughput rates of 50 ksps to 200 ksps.
ADC088S022 TI1-ADC088S022 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022CIMT NSC-ADC088S022CIMT Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC088S022CIMT TI1-ADC088S022CIMT Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
ADC088S022CIMT/NOPB TI1-ADC088S022CIMT/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results

유사한 설명 - ADC088S022

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC088S052 NSC-ADC088S052 Datasheet
824Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC082S021 TI1-ADC082S021_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC082S021 2 Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com