전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2451TB 데이터시트(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM2451TB
상세설명  220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2451TB 데이터시트(HTML) 1 Page - National Semiconductor (TI)

  LM2451TB Datasheet HTML 1Page - National Semiconductor (TI) LM2451TB Datasheet HTML 2Page - National Semiconductor (TI) LM2451TB Datasheet HTML 3Page - National Semiconductor (TI) LM2451TB Datasheet HTML 4Page - National Semiconductor (TI) LM2451TB Datasheet HTML 5Page - National Semiconductor (TI) LM2451TB Datasheet HTML 6Page - National Semiconductor (TI) LM2451TB Datasheet HTML 7Page - National Semiconductor (TI) LM2451TB Datasheet HTML 8Page - National Semiconductor (TI) LM2451TB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM2451
220V Monolithic Triple Channel 12 MHz DC Coupled CRT
DTV Driver
General Description
The LM2451 is a triple channel high voltage DC coupled
CRT driver circuit designed for use in DTV applications. The
IC contains three high input impedance, wide band amplifi-
ers which directly drive the RGB cathodes of a CRT. Each
amplifier has a summing input where the DC level of the
output is controlled by a low voltage DC input voltage. Nor-
mally the DC input voltage is from a DAC. Each channel has
its gain internally set to −54 and can drive CRT capacitive
loads as well as resistive loads present in other applications,
limited only by the package’s power dissipation.
The IC is packaged in a 15-lead TO-247 molded plastic
power package designed specifically to meet high voltage
spacing requirements. See Thermal Considerations section.
Features
n
12 MHz bandwidth at 130V
P-P
n
100V black level adjustment range using 0V to 5V input
n
Current output for IK feedback systems
n
Greater than 130V
P-P output swing capability
n
0V to 5V input voltage range
n
Stable with 0 pF–20 pF capacitive loads and inductive
peaking networks
n
Convenient TO-247 staggered thin lead package style
Applications
n
DC coupled DTV applications using the 480p format as
well as standard NTSC and PAL formats.
Connection Diagram
Schematic Diagram
20144401
FIGURE 1. Top View
Order Number LM2451TB
See NS Package Number TB15A
20144402
FIGURE 2. Simplified Schematic Diagram
(One Channel)
December 2005
© 2005 National Semiconductor Corporation
DS201444
www.national.com


유사한 부품 번호 - LM2451TB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2451 TI1-LM2451 Datasheet
3Mb / 14P
[Old version datasheet]   Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
More results

유사한 설명 - LM2451TB

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
LM2452 NSC-LM2452 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 17 MHz DC Coupled CRT DTV Driver
logo
Texas Instruments
LM2451 TI1-LM2451 Datasheet
3Mb / 14P
[Old version datasheet]   Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
logo
National Semiconductor ...
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
Texas Instruments
LM2450 TI1-LM2450 Datasheet
3Mb / 14P
[Old version datasheet]   Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com