전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA78R05CYDTU 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 KA78R05CYDTU
상세설명  1A Output Low Dropout Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78R05CYDTU 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  KA78R05CYDTU Datasheet HTML 1Page - Fairchild Semiconductor KA78R05CYDTU Datasheet HTML 2Page - Fairchild Semiconductor KA78R05CYDTU Datasheet HTML 3Page - Fairchild Semiconductor KA78R05CYDTU Datasheet HTML 4Page - Fairchild Semiconductor KA78R05CYDTU Datasheet HTML 5Page - Fairchild Semiconductor KA78R05CYDTU Datasheet HTML 6Page - Fairchild Semiconductor KA78R05CYDTU Datasheet HTML 7Page - Fairchild Semiconductor KA78R05CYDTU Datasheet HTML 8Page - Fairchild Semiconductor KA78R05CYDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
• 1A/3.3V, 5V, 8V, 9V, 12V, 15V output low dropout
voltage regulator
• TO-220 full-mold package (4pin)
• Overcurrent protection, thermal shutdown
• Overvoltage protection, short circuit protection
• With output disable function
Description
The KA78RXXC is a low-dropout voltage regulator suitable
for various electronic equipments.
It provides constant voltage power source with TO-220-4
lead full mold package. Dropout voltage of KA78RXXC is
below 0.5V in full rated current(1A).
This regulator has various functions such as peak current
protection, thermal shut down, overvoltage protection and
output disable function.
TO-220F-4L
1. Vin 2. VO 3. GND 4. Vdis
1
Internal Block Diagram
THERMAL SHUTDOWN
BANDGAP REFERENCE
OVERVOLTAGE
PROTECTION
SOA PROTECTION
SHORTCIRCUIT
PROTECTION
1
4
3
2
Vin
Vdis
Vo
GND
HIGH / LOW
OUTPUT
ON / OFF
Q1
R1
R2
-
+
-
+
1.4V
SHORT-CIRCUIT
KA78RXXC-Series
1A Output Low Dropout Voltage Regulators


유사한 부품 번호 - KA78R05CYDTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA78R05CYDTU FAIRCHILD-KA78R05CYDTU Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results

유사한 설명 - KA78R05CYDTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
   1A LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
165Kb / 9P
   1A Low Dropout Voltage Regulators
SPX2941 SIPEX-SPX2941 Datasheet
154Kb / 7P
   1A Low Dropout Voltage Regulators
AS2940 SIPEX-AS2940 Datasheet
124Kb / 8P
   1A Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
   1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com