전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA78R09CTSTU 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 KA78R09CTSTU
상세설명  1A Output Low Dropout Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78R09CTSTU 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button KA78R09CTSTU Datasheet HTML 6Page - Fairchild Semiconductor KA78R09CTSTU Datasheet HTML 7Page - Fairchild Semiconductor KA78R09CTSTU Datasheet HTML 8Page - Fairchild Semiconductor KA78R09CTSTU Datasheet HTML 9Page - Fairchild Semiconductor KA78R09CTSTU Datasheet HTML 10Page - Fairchild Semiconductor KA78R09CTSTU Datasheet HTML 11Page - Fairchild Semiconductor KA78R09CTSTU Datasheet HTML 12Page - Fairchild Semiconductor KA78R09CTSTU Datasheet HTML 13Page - Fairchild Semiconductor KA78R09CTSTU Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
KA78RXXC-SERIES
10
Typical Performance Characteristics (Continued)
KA78R09C
5
10
15
Input voltage Vin (V)
0
10
9
8
7
6
5
4
3
2
1
0
20
25
RL=
RL=9
0
5
10
15
20
0
20
40
60
80
RL=
Input voltage Vin(V)
0
3
Disable voltage Vdis (V)
0.5
1.5
1
2
2.5
10
9
8
7
6
5
4
3
2
1
0
9.04
9.02
9.00
9.06
-25
TEMPERATURE Tj(oC )
75
125
0
25
50
100
8.96
8.94
8.92
8.98
10
8
6
4
2
0
Junction temperature Tj(oC)
75
125
0
25
50
100
-25
-25
0
25
50
75
100
125
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
1.0A
Junction Temp Tj [
]
Figure 4. Output Voltage vs. Temperature(Tj)
Figure 3. Output Voltage vs. Disable Voltage
Figure 1. Output Voltage vs. Input Voltage
Figure 2. Quiescent Current vs. Input Voltage
Figure 6. Dropout Voltage vs.Junction Temperature
Figure 5. Quiescent Current vs. Temperature(Tj)


유사한 부품 번호 - KA78R09CTSTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA78R09CTSTU FAIRCHILD-KA78R09CTSTU Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results

유사한 설명 - KA78R09CTSTU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM78R05A GAMMA-GM78R05A Datasheet
780Kb / 28P
   1A LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
165Kb / 9P
   1A Low Dropout Voltage Regulators
SPX2941 SIPEX-SPX2941 Datasheet
154Kb / 7P
   1A Low Dropout Voltage Regulators
AS2940 SIPEX-AS2940 Datasheet
124Kb / 8P
   1A Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
   1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS2501 ADMOS-AMS2501_05 Datasheet
66Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
AMS2501 ADMOS-AMS2501 Datasheet
63Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
DS2501 ADMOS-DS2501 Datasheet
73Kb / 8P
   1A VERY LOW DROPOUT VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com