전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IZ1228M 데이터시트(PDF) 2 Page - Integral Corp.

부품명 IZ1228M
상세설명  8-DIGIT CALCULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEGRAL [Integral Corp.]
홈페이지  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ1228M 데이터시트(HTML) 2 Page - Integral Corp.

  IZ1228M Datasheet HTML 1Page - Integral Corp. IZ1228M Datasheet HTML 2Page - Integral Corp. IZ1228M Datasheet HTML 3Page - Integral Corp. IZ1228M Datasheet HTML 4Page - Integral Corp. IZ1228M Datasheet HTML 5Page - Integral Corp. IZ1228M Datasheet HTML 6Page - Integral Corp. IZ1228M Datasheet HTML 7Page - Integral Corp. IZ1228M Datasheet HTML 8Page - Integral Corp. IZ1228M Datasheet HTML 9Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IZ1228/IZ1228M
2
ELECTRICAL CHARACTERISTICS
(Ta = 25
oC, V
DD = 1.5V,
unless otherwise specified)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Input Voltage (Pins K2 ~ K6)
VIH
VDD - 0.4
V
VIL
0.4
Input Current (Pins K2 ~ K6)
IIH
VIN = VDD
1
uA
IIL
VIN = 0V
0.3
1
3
Output Voltage 1 (P1, P2,
A2~A5)
VOH
without load
VDD -
0.15
V
VOL
IOL = 15
µA
0.15
VOA
without load
2.80
2.95
Output Voltage 2 (H1 ~ H3,
VOB
without load
1.30
1.50
1.70
V
a1 ~ a9, b1 ~ b8, c1 ~
c8)
VOC
without load
0
0.20
Display Frequency
Fd
VDD = 1.3V while display
is on,
Rf = 560K
55
75
Hz
IOFF
display is off
1
Supply Current
IDIS
VDD = 1.3V while display
is on
3.5
5
uA
IOP
VDD = 1.1V, while
operation
5.6
OUTPUT WAVEFORM 1; Hi (i = 1, 2, 3)
OUTPUT WAVEFORM 2; ai, bi, ci, (i = 1, 2, ... , 8)
FUNCTIONAL DESCRIPTION
Decimal point system
Complete floating decimal point system. 8 digits leading zero suppression. Zero shift.


유사한 부품 번호 - IZ1228M

제조업체부품명데이터시트상세설명
logo
Integral Corp.
IZ1223M INTEGRAL-IZ1223M Datasheet
134Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1225M INTEGRAL-IZ1225M Datasheet
118Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1225MR INTEGRAL-IZ1225MR Datasheet
118Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
IZ12291M INTEGRAL-IZ12291M Datasheet
98Kb / 5P
   10-DIGITS CALCULATOR
More results

유사한 설명 - IZ1228M

제조업체부품명데이터시트상세설명
logo
Silan Microelectronics ...
SC3423 SILAN-SC3423 Datasheet
238Kb / 13P
   8-DIGIT CALCULATOR
logo
Integral Corp.
IZ1236 INTEGRAL-IZ1236 Datasheet
151Kb / 6P
   8-DIGIT CALCULATOR WITH MARKER
logo
SHENZHEN FUMAN ELECTRON...
TC34014SS FUMAN-TC34014SS Datasheet
338Kb / 11P
   12-digit calculator
SC876F FUMAN-SC876F Datasheet
394Kb / 11P
   Eight-digit calculator
SC2135B FUMAN-SC2135B Datasheet
339Kb / 7P
   10/12 digit calculator
TC34014AS FUMAN-TC34014AS Datasheet
367Kb / 12P
   10/12 digit calculator
logo
ELAN Microelectronics C...
EMPCD082 EMC-EMPCD082 Datasheet
416Kb / 16P
   8 DIGIT CALCULATOR (BATTERY/SOLAR/ DUAL POWER TYPE)
EM34014 EMC-EM34014 Datasheet
583Kb / 20P
   10/12 DIGIT CALCULATOR
logo
SHENZHEN FUMAN ELECTRON...
TC34014BS FUMAN-TC34014BS Datasheet
186Kb / 12P
   10/12 digit calculator
logo
ELAN Microelectronics C...
EM34025 EMC-EM34025 Datasheet
453Kb / 18P
   10/12 DIGIT CURRENCY CALCULATOR?
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com