전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IZ8005 데이터시트(PDF) 3 Page - Integral Corp.

부품명 IZ8005
상세설명  CLINICAL THERMOMETER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEGRAL [Integral Corp.]
홈페이지  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ8005 데이터시트(HTML) 3 Page - Integral Corp.

  IZ8005 Datasheet HTML 1Page - Integral Corp. IZ8005 Datasheet HTML 2Page - Integral Corp. IZ8005 Datasheet HTML 3Page - Integral Corp. IZ8005 Datasheet HTML 4Page - Integral Corp. IZ8005 Datasheet HTML 5Page - Integral Corp. IZ8005 Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IZ8005
3
Pad Description
Pad
Pad Name
I/O
Function
1~3
SA1~SA3
O
LCD segment drive
4~6
SB1~SB3
O
LCD segment drive
7~19
SC1~SC3
O
LCD segment drive
10~12
SD1~SD3
O
LCD segment drive
13
SE1
O
LCD segment drive
14
VEE
O
Generate negative voltage (–1.5V)
15
CAP
O
For negative voltage, NMOS output
16
C512
O
For negative voltage, inverter output
17
TV
B
Test pin for IC
18
TEST1
I
Test pin for IC
19
LOWC
B
For the supply voltage detector. Open the pin when not in use.
20
VSS
I
Power supply GND
21
SC
B
Common point, NMOS open drain
22
RF
O
Connect reference resistor, PMOS open drain
23
RS
O
Connect sensor resistor, PMOS open drain
24
VDD
I
Positive power supply
25
PSW
I
Pull low input pin, push switch to turn the power on or off
26
TEST2
I
Pull low test pin, for production test, floating LCD displays the real time
value, when connected to VDD, LCD displays the highest value.
27
INIT
I
Test pin for IC
28
ML
I
Connect to VDD for memory function, otherwise floating.
29
FEVL
I
Floating with fever function, otherwise connect to VDD.
30
S804KL
I
Floating buzzer is 4kHz, connect to VDD if buzzer is 8kHz.
31
OSCI
I
For system oscillator in
32
OSCO
O
For system oscillator out
33
BZ1
O
Buzzer output 1
34
BZ2
O
Buzzer output 2
35~37
COM1~COM3
O
LCD backplane drive, 3-level voltage out
Absolute Maximum Ratings
Supply voltage.......................0V to 2.0V
Input voltage.............. VSS–0.5V to
VDD+0.5V
Operation Temperature.......–20°C to +75°C
Storage
Temperature.............–55°Cto
+125°C
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute
Maximum Ratings” may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.


유사한 부품 번호 - IZ8005

제조업체부품명데이터시트상세설명
logo
Integral Corp.
IZ8016 INTEGRAL-IZ8016 Datasheet
130Kb / 4P
   3.5 DIGIT THERMOMETER
logo
List of Unclassifed Man...
IZ8018 ETC-IZ8018 Datasheet
136Kb / 5P
   MULTI MELODY GENERATOR
IZ8057 ETC-IZ8057 Datasheet
72Kb / 7P
   MULTI MELODY GENERATOR WITH ACCOMPANEMENT
More results

유사한 설명 - IZ8005

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT7500 HOLTEK-HT7500_01 Datasheet
112Kb / 7P
   Clinical Thermometer
HT7500 HOLTEK-HT7500 Datasheet
94Kb / 8P
   Clinical Thermometer
HT7501 HOLTEK-HT7501 Datasheet
238Kb / 7P
   Clinical Thermometer
HT7510 HOLTEK-HT7510 Datasheet
331Kb / 8P
   Clinical Thermometer
logo
List of Unclassifed Man...
JA31106 ETC-JA31106 Datasheet
154Kb / 7P
   One-Decimal Clinical Thermometer
logo
SHENZHEN FUMAN ELECTRON...
TC31106D FUMAN-TC31106D Datasheet
324Kb / 7P
   One-Decimal Clinical Thermometer
logo
Fortune Semiconductor C...
FS9168-001 FORTUNE-FS9168-001 Datasheet
1Mb / 18P
   FS9168 standard code for digital clinical thermometer application
FS9168-015 FORTUNE-FS9168-015 Datasheet
1Mb / 18P
   FS9168 standard code for digital clinical thermometer application
logo
Advantech Co., Ltd.
PAX-121 ADVANTECH-PAX-121 Datasheet
646Kb / 3P
   21.5" Clinical Display
8-Nov-2022
PAX-124 ADVANTECH-PAX-124 Datasheet
650Kb / 3P
   23.8" Clinical Display
8-Nov-2022
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com