전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AN7900T 데이터시트(PDF) 2 Page - Panasonic Semiconductor

부품명 AN7900T
상세설명  3-pin Negative Output Voltage Regulators 1A Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7900T 데이터시트(HTML) 2 Page - Panasonic Semiconductor

  AN7900T Datasheet HTML 1Page - Panasonic Semiconductor AN7900T Datasheet HTML 2Page - Panasonic Semiconductor AN7900T Datasheet HTML 3Page - Panasonic Semiconductor AN7900T Datasheet HTML 4Page - Panasonic Semiconductor AN7900T Datasheet HTML 5Page - Panasonic Semiconductor AN7900T Datasheet HTML 6Page - Panasonic Semiconductor AN7900T Datasheet HTML 7Page - Panasonic Semiconductor AN7900T Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
VI
PD
Topr
Tstg
V
V
W
˚C
˚C
–35 *1
–40 *2
15 *3
10.25 *3
–30 to +80
–55 to +150
Input voltage
Power dissipation
Operating ambient temperature
Storage temperature
AN7900T Series
AN7900F Series
*1 AN7905T/F, AN7906T/F, AN7907T/F, AN7908T/F, AN7909T/F, AN7910T/F, AN7912T/F, AN7915T/F, AN7918T/F
*2 AN7920T/F, AN7924T/F
*3 Follow the derating curve. When Tj exceeds 150˚C, the internal circuit shuts off the output.
Parameter
Symbol
Rating
Unit
s Absolute Maximum Ratings (Ta
=25˚C)
typ
Output voltage
VO
–5.2
V
–5
Output voltage tolerance
VO
V
VI
=–7 to –20V,
IO
=5mA to 1A, P
D
*
Line regulation
REGIN
100
mV
3
VI
=–7 to –25V, T
j
=25˚C
mV
Load regulation
REGL
mV
10
IO
=5mA to 1.5A, T
j
=25˚C
mV
IO
=250 to 750mA, T
j
=25˚C
VI
=–8 to –12V, T
j
=25˚C
mA
2
Tj
=25˚C
1
Bias current
Ibias
mA
VI
=–7 to –25V, T
j
=25˚C
Input bias fluctuation
mA
Load bias current fluctuation
µV
40
IO
=5mA to 1A, T
j
=25˚C
Output noise voltage
Vno
dB
f
=10Hz to 100kHz, Ta=25˚C
1.3
0.5
50
–5.25
100
50
4
62
–4.8
–4.75
Ripple rejection ratio
RR
VI
=–8 to –18V, I
O
=100mA, f=120Hz
V
1.1
IO
=1A, T
j
=25˚C
Minimum i/o voltage difference
A
2.1
3
74
Peak output current
– 0.4
Output voltage temperature coefficient
Parameter
Symbol
Condition
min
max
Unit
Tj
=25˚C
IO
=5mA, T
j
=0 to 125˚C
Tj
=25˚C
∆I
bias (IN)
∆I
bias (L)
VDIF (min.)
IO (Peak)
mV/˚C
∆V
O/Ta
Note 1) The specified condition Tj
=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) Unless otherwise specified, VI
=–10V, I
O
=500mA, C
I
=2µF, C
O
=1µF, T
j
=0 to 125˚C
* AN7900T series : 15W, AN7900F series : 10.25W
s Electrical Characteristics (Ta
=25˚C)
• AN7905T/AN7905F (–5V Type)
<
=


유사한 부품 번호 - AN7900T

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AN7905 ETC2-AN7905 Datasheet
2Mb / 31P
   SEMICONDUCTORS
AN7905T ETC2-AN7905T Datasheet
2Mb / 31P
   SEMICONDUCTORS
AN7906 ETC2-AN7906 Datasheet
2Mb / 31P
   SEMICONDUCTORS
AN7908 ETC2-AN7908 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

유사한 설명 - AN7900T

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
AN79M00 PANASONIC-AN79M00 Datasheet
70Kb / 9P
   3-pin Negative Output Voltage Regulators 500mA Type
logo
Fairchild Semiconductor
LM79XX FAIRCHILD-LM79XX Datasheet
194Kb / 15P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7909 HUASHAN-H7909 Datasheet
211Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
H7912 ETC2-H7912 Datasheet
162Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7905 HUASHAN-H7905 Datasheet
220Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7915 HUASHAN-H7915 Datasheet
220Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7906 HUASHAN-H7906 Datasheet
216Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX Datasheet
117Kb / 15P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7924 HUASHAN-H7924 Datasheet
219Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7912 HUASHAN-H7912 Datasheet
217Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com