전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML2110 데이터시트(PDF) 8 Page - OKI electronic componets

부품명 ML2110
상세설명  Speech Control Processor
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OKI [OKI electronic componets]
홈페이지  http://www.oki.com
Logo OKI - OKI electronic componets

ML2110 데이터시트(HTML) 8 Page - OKI electronic componets

Back Button ML2110 Datasheet HTML 4Page - OKI electronic componets ML2110 Datasheet HTML 5Page - OKI electronic componets ML2110 Datasheet HTML 6Page - OKI electronic componets ML2110 Datasheet HTML 7Page - OKI electronic componets ML2110 Datasheet HTML 8Page - OKI electronic componets ML2110 Datasheet HTML 9Page - OKI electronic componets ML2110 Datasheet HTML 10Page - OKI electronic componets ML2110 Datasheet HTML 11Page - OKI electronic componets ML2110 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 101 page
background image
FEDL2110-01
OKI Semiconductor
ML2110
8/101
ROM, SRAM Access
(VDD = 3.0 to 3.6 V, Ta = –40 to 85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
RD Pulse Width
tW_RD
ROM, SRAM
3
τ to 12τ access
2
11
tCYC
WR Pulse Width
tW_WR
ROM, SRAM
3
τ to 12τ access
1.5
10.5
tCYC
ROM, SRAM
3
τ , 4τ access
1
tCYC
A to
RD Time
tW_ARD
ROM, SRAM
5
τ to 12τ access
2
tCYC
A to
WR Time
tW_AWR
SRAM
3
τ to 12τ access
1
tCYC
WR to SRAM Time
tW_WRSRAM
SRAM
3
τ to 12τ access
1
tCYC
ROM Delay Time
tROM
21+0.5 tCYC
ns
SRAM Delay Time
tSRAM
21+0.5 tCYC
ns
ROM Pulse Width
tW_ROM
ROM
3
τ to 12τ access
3
12
tCYC
SRAM Pulse Width
tW_SRAM
SRAM
3
τ to 12τ access
3
12
tCYC
SRAM
3
τ access
0
tCYC
WR to D Time
tW_WRD
ROM, SRAM
4
τ to 12τ access
1
tCYC


유사한 부품 번호 - ML2110

제조업체부품명데이터시트상세설명
logo
Micro Linear Corporatio...
ML2111 MICRO-LINEAR-ML2111 Datasheet
440Kb / 26P
   Universal Dual High Frequency Filter
ML2111CCP MICRO-LINEAR-ML2111CCP Datasheet
440Kb / 26P
   Universal Dual High Frequency Filter
ML2111CCS MICRO-LINEAR-ML2111CCS Datasheet
440Kb / 26P
   Universal Dual High Frequency Filter
ML2111CIP MICRO-LINEAR-ML2111CIP Datasheet
440Kb / 26P
   Universal Dual High Frequency Filter
More results

유사한 설명 - ML2110

제조업체부품명데이터시트상세설명
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
   Universal Speech Processor
logo
List of Unclassifed Man...
ISD-T267SP ETC-ISD-T267SP Datasheet
4Mb / 100P
   DIGITAL SPEECH PROCESSOR
logo
Microchip Technology
SP0264 MICROCHIP-SP0264 Datasheet
344Kb / 12P
   NARRATOR SPEECH PROCESSOR
1989
logo
List of Unclassifed Man...
80-0206-R ETC1-80-0206-R Datasheet
511Kb / 49P
   Speech Recognition Processor
RSC4128 ETC-RSC4128 Datasheet
690Kb / 49P
   Speech Recognition Processor
RSC-464 ETC1-RSC-464 Datasheet
400Kb / 41P
   Speech Recognition Processor
80-0210-C ETC1-80-0210-C Datasheet
271Kb / 9P
   Speech And Music Processor
80-0207-A ETC1-80-0207-A Datasheet
259Kb / 8P
   Speech And Music Processor
80-0211-C ETC1-80-0211-C Datasheet
349Kb / 12P
   Speech And Music Processor
80-0208-B ETC1-80-0208-B Datasheet
283Kb / 13P
   Speech And Music Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com