전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LBZX84C3V0LT1 데이터시트(PDF) 4 Page - Leshan Radio Company

부품명 LBZX84C3V0LT1
상세설명  SEMICONDUCTOR, Zener Voltage Regulator Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBZX84C3V0LT1 데이터시트(HTML) 4 Page - Leshan Radio Company

  LBZX84C3V0LT1 Datasheet HTML 1Page - Leshan Radio Company LBZX84C3V0LT1 Datasheet HTML 2Page - Leshan Radio Company LBZX84C3V0LT1 Datasheet HTML 3Page - Leshan Radio Company LBZX84C3V0LT1 Datasheet HTML 4Page - Leshan Radio Company LBZX84C3V0LT1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
J2–4/5
TYPICAL CHARACTERISICS
GENERAL DATA — 225mW SOT–23
1000
100
10
1
1
10
100
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
0
1020
30
40
5060
70
80
90
100
10
1
0.1
0
02
4
6
8
10
12
10
30
50
70
90
100
10
1
0.1
0.01
BIAS AT
50% OF V Z NOM
V Z , NOMINAL ZENER VOLTAGE (V)
Figure 5. Typical Capacitance
V Z , NOMINAL ZENER VOLTAGE (V)
Figure 6. Typical Leakage Current
V Z , ZENER VOLTAGE (V)
Figure 7. Zener Voltage versus Zener Current
(V Z Up to 12 V)
V Z , ZENER VOLTAGE (V)
Figure 8. Zener Voltage versus Zener Current
(12 V to 91 V)
T A = 25°C
0 V BIAS
1 V BIAS
T A = 25°C
T A = 25°C
+150°C
+25°C
–55°C


유사한 부품 번호 - LBZX84C3V0LT1

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LBZX84C3V0LT1G LRC-LBZX84C3V0LT1G Datasheet
260Kb / 5P
   Zener Voltage Regulator Diodes
LBZX84C3V0LT1G LRC-LBZX84C3V0LT1G Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C3V0LT1G LEIDITECH-LBZX84C3V0LT1G Datasheet
756Kb / 5P
   Zener Voltage Regulator Diodes
More results

유사한 설명 - LBZX84C3V0LT1

제조업체부품명데이터시트상세설명
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
   ZENER VOLTAGE REGULATOR DIODES
logo
Yea Shin Technology Co....
BZX84C2V4 YEASHIN-BZX84C2V4 Datasheet
776Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
SZB4.3A LRC-SZB4.3A Datasheet
128Kb / 4P
   Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
LBZX84CLT1G LRC-LBZX84CLT1G_15 Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
   Zener Voltage Regulator Diodes
logo
Pan Jit International I...
AZD27C21 PANJIT-AZD27C21 Datasheet
358Kb / 5P
   VOLTAGE REGULATOR ZENER DIODES
logo
Shenzhen Taychipst Elec...
AZD27C21 TAYCHIPST-AZD27C21 Datasheet
4Mb / 2P
   VOLTAGE REGULATOR ZENER DIODES
logo
Leshan Radio Company
LBZX84XXXXLT1G LRC-LBZX84XXXXLT1G Datasheet
361Kb / 7P
   Zener Voltage Regulator Diodes
LBZX84C2V4LT1G LRC-LBZX84C2V4LT1G Datasheet
260Kb / 5P
   Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com