전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM79C850KCW 데이터시트(PDF) 9 Page - Advanced Micro Devices

부품명 AM79C850KCW
상세설명  SUPERNET-R 3
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C850KCW 데이터시트(HTML) 9 Page - Advanced Micro Devices

Back Button AM79C850KCW Datasheet HTML 5Page - Advanced Micro Devices AM79C850KCW Datasheet HTML 6Page - Advanced Micro Devices AM79C850KCW Datasheet HTML 7Page - Advanced Micro Devices AM79C850KCW Datasheet HTML 8Page - Advanced Micro Devices AM79C850KCW Datasheet HTML 9Page - Advanced Micro Devices AM79C850KCW Datasheet HTML 10Page - Advanced Micro Devices AM79C850KCW Datasheet HTML 11Page - Advanced Micro Devices AM79C850KCW Datasheet HTML 12Page - Advanced Micro Devices AM79C850KCW Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 97 page
background image
P R E L I M I N A R Y
AMD
9
SUPERNET 3
PQFP PIN DESIGNATIONS
Listed by Pin Number
Pin #
Description
137
VCC
138
BD[28]
139
BD[27]
140
BD[26]
141
VSS
142
BD[25]
143
BD[24]
144
VSSO
145
BD[23]
146
BD[22]
147
BD[21]
148
BD[20]
149
VCCO
150
BD[19]
151
BD[18]
152
BD[17]
153
BD[16]
154
CSO
Pin #
Description
155
WR
156
VSSO
157
VCCO
158
RD
159
BD[15]
160
BD[14]
161
BD[13]
162
BD[12]
163
BD[11]
164
BD[10]
165
BD[9]
166
BD[8]
167
VSSO
168
BD[7]
169
BD[6]
170
BD[5]
171
BD[4]
172
VSSO
Pin #
Description
173
BD[3]
174
BD[2]
175
BD[1]
176
BD[0]
177
VCCO
178
RDATA2
179
RDATA1
180
HSREQ[2]
181
HSREQ[1]
182
HSREQ[0]
183
HSACK
184
VCC
185
QCTRL[2]
186
QCTRL[1]
187
QCTRL[0]
188
VSSO
189
ADDR[0]
190
ADDR[1]
Pin #
Description
191
ADDR[2]
192
ADDR[3]
193
VSSO
194
ADDR[4]
195
ADDR[5]
196
ADDR[6]
197
ADDR[7]
198
VCCO
199
ADDR[8]
200
ADDR[9]
201
ADDR[10]
202
ADDR[11]
203
VSSO
204
ADDR[12]
205
ADDR[13]
206
ADDR[14]
207
ADDR[15]
208
VSSO


유사한 부품 번호 - AM79C850KCW

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM79C864A AMD-AM79C864A Datasheet
248Kb / 51P
   Physical Layer Controller With Scrambler (PLC-S)
AM79C864AKC AMD-AM79C864AKC Datasheet
248Kb / 51P
   Physical Layer Controller With Scrambler (PLC-S)
AM79C864AKCW AMD-AM79C864AKCW Datasheet
248Kb / 51P
   Physical Layer Controller With Scrambler (PLC-S)
AM79C873 AMD-AM79C873 Datasheet
543Kb / 44P
   NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
AM79C873KCW AMD-AM79C873KCW Datasheet
543Kb / 44P
   NetPHY??-1 10/100 Mbps Ethernet Physical Layer Single-Chip Transceiver with 100BASE-FX Support
More results

유사한 설명 - AM79C850KCW

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
2180560305 MOLEX-2180560305 Datasheet
146Kb / 1P
   3 CKT DISCR GUARDIAN R-R 500MM
2021/12/07
2153201031 MOLEX-2153201031 Datasheet
309Kb / 1P
   MINIFIT JR SR R-R 3 CIRCUIT 150MM Sn
2020/05/28
logo
ERNI Electronics
254326 ERNI-254326 Datasheet
71Kb / 1P
   FEDERLEISTE R/3 30 LOT
logo
PHOENIX CONTACT
2200317 PHOENIX-2200317 Datasheet
120Kb / 4P
   FKDSO 2,5/ 3-R KMGY
logo
ERNI Electronics
284419 ERNI-284419 Datasheet
70Kb / 1P
   FEDERLEISTE R/3 20 LOT
354388 ERNI-354388 Datasheet
63Kb / 1P
   Messerleiste R / 3, 30 EE
354383 ERNI-354383 Datasheet
87Kb / 1P
   MESSERLEISTE R/3 30 EE
294716 ERNI-294716 Datasheet
73Kb / 1P
   FEDERLEISTE R/3 30 LOT
logo
PHOENIX CONTACT
2854092 PHOENIX-2854092 Datasheet
157Kb / 5P
   MKDSO 2,5/ 3-R KMGY
logo
ERNI Electronics
294863 ERNI-294863 Datasheet
82Kb / 1P
   FEDERLEISTE R/3 30 EE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com