전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS6692A 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FDS6692A
상세설명  N-Channel PowerTrench MOSFET 30V, 9A, 11.5mOhm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6692A 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FDS6692A Datasheet HTML 1Page - Fairchild Semiconductor FDS6692A Datasheet HTML 2Page - Fairchild Semiconductor FDS6692A Datasheet HTML 3Page - Fairchild Semiconductor FDS6692A Datasheet HTML 4Page - Fairchild Semiconductor FDS6692A Datasheet HTML 5Page - Fairchild Semiconductor FDS6692A Datasheet HTML 6Page - Fairchild Semiconductor FDS6692A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
FDS6692A Rev. A1
www.fairchildsemi.com
5
Figure 7. Gate Charge Characteri
5
015
25
Qg, GATE CHARGE (nC)
10
20
4
6
10
0
8
2
WAVEFORMS IN
DESCENDING ORDER:
ID = 9A
ID = 1A
VDD =15V
stics
Figure 8. Capacitance Characteristics
1000
2000
0.1
10
100
COSS
CRSS
VDS, DRAIN TO SOURCE VOLTAGE (V)
1
30
0.03
CISS
f = 1MHz
VGS = 0V
Figure 9. Unclamped Inductive Switching
Capability
tAV, TIME IN AVALANCHE(ms)
100
10
1
0.01
.01
1
10
100
1000
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ =25
o
C
STARTING TJ =150
o
C
Figure 10.
0.01
0.1
1
100
1
10
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
0.1
100
µs
1ms
DC
10ms
SINGLE PULSE
TJ = MAX RATED
TA = 25oC
OPERATION IN THIS
AREA MAY BE LIMITED
BY RDS(ON)
10
Safe Operating Area
Figure 11. Maximum Continuous Drain Current vs
Ambient Temperature
075
150
TA, AMBIENT TEMPERATURE (oC)
50
100
125
0
10
VGS = 10V
RθJA = 85oC/W
8
6
2
4
1
3
5
7
9
CURRENT LIMITED
BY PACKAGE
VGS = 4.5V
Figure 12. Single Maximum Power Dissipation
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
1
10
100
1000
t, PULSE WIDTH (s)
SINGLE PULSE
RθJA = 85
o
C/W
TA = 25
o
C
2000
Typical Characteristics T
J = 25°C unless otherwise noted


유사한 부품 번호 - FDS6692A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6692A FAIRCHILD-FDS6692A_10 Datasheet
464Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 9A, 11.5m廓
More results

유사한 설명 - FDS6692A

제조업체부품명데이터시트상세설명
logo
E-CMOS Corporation
EC733616 E-CMOS-EC733616 Datasheet
589Kb / 6P
   30V,9A,N-Channel MOSFET
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com