전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS9412A 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FDS9412A
상세설명  N-Channel PowerTrench MOSFET 30V, 8A, 21mOhm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS9412A 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FDS9412A Datasheet HTML 1Page - Fairchild Semiconductor FDS9412A Datasheet HTML 2Page - Fairchild Semiconductor FDS9412A Datasheet HTML 3Page - Fairchild Semiconductor FDS9412A Datasheet HTML 4Page - Fairchild Semiconductor FDS9412A Datasheet HTML 5Page - Fairchild Semiconductor FDS9412A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDS9412A Rev. A1
www.fairchildsemi.com
3
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1. On Region Characteristics
01234
0
4
8
12
16
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
VGS = 4.5V
VGS = 3V
VGS = 3.5V
VGS = 10V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 2. Normalized
048
12
16
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 3V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
ID, DRAIN CURRENT(A)
VGS = 10V
VGS = 4.5V
VGS = 3.5V
On-Resistance vs Drain
Current and Gate Voltage
Figure 3.
-80
-40
0
40
80
120
160
0.6
0.8
1.0
1.2
1.4
1.6
ID = 8.0A
VGS = 10V
TJ, JUNCTION TEMPERATURE (oC)
Normalized On Resistance vs Junction
Temperature
Figure 4.
3.0
4.5
6.0
7.5
9.0
0
10
20
30
40
50
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = 150oC
TJ = 25oC
ID =8.0A
VGS, GATE TO SOURCE VOLTAGE (V)
10
On-Resistance vs Gate to Source
Voltage
Figure 5. Transfer Characteristics
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
4
8
12
16
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = -55oC
TJ = 25oC
TJ = 150oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1E-3
0.01
0.1
1
10
TJ = -55oC
TJ = 25oC
TJ = 150oC
VGS = 0V
VSD, BODY DIODE FORWARD VOLTAGE (V)
50
Source to Drain Diode Forward
Voltage vs Source Current


유사한 부품 번호 - FDS9412A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS9412 FAIRCHILD-FDS9412 Datasheet
230Kb / 8P
   Single N-Channel Enhancement Mode Field Effect Transistor
More results

유사한 설명 - FDS9412A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com