전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS74116TJ 데이터시트(PDF) 10 Page - GSI Technology

부품명 GS74116TJ
상세설명  256K x 16 4Mb Asynchronous SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS74116TJ 데이터시트(HTML) 10 Page - GSI Technology

Back Button GS74116TJ Datasheet HTML 6Page - GSI Technology GS74116TJ Datasheet HTML 7Page - GSI Technology GS74116TJ Datasheet HTML 8Page - GSI Technology GS74116TJ Datasheet HTML 9Page - GSI Technology GS74116TJ Datasheet HTML 10Page - GSI Technology GS74116TJ Datasheet HTML 11Page - GSI Technology GS74116TJ Datasheet HTML 12Page - GSI Technology GS74116TJ Datasheet HTML 13Page - GSI Technology GS74116TJ Datasheet HTML 14Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Rev: 2.02 3/2000
10/14
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
N
GS74116TP/J/U
44 Pin, 400 mil SOJ
1
22
23
44
e
B1
D
y
Q
c
L
Detail A
A
B
Note:
1. Dimension D& E do not include interlead flash
2. Dimension B1 does not include dambar protrusion / intrusion
Symbol
Dimension in inch
Dimension in mm
min nom max
min
nom
max
A
-
-
0.148
-
-
3.759
A1
0.025
-
-
0.635
-
-
A2
0.105 0.110 0.115 2.667
2.794
2.921
B
-
0.018
-
-
0.457
-
B1
0.026 0.028 0.032 0.660
0.711
0.813
c
-
0.008
-
-
0.203
-
D
1.120 1.125 1.130 28.44
28.58
28.70
E
0.395 0.400 0.405 10.033 10.160 10.287
e
-
0.05
-
-
1.27
-
HE
0.435 0.440 0.445 11.049 11.176 11.303
GE
0.360 0.370 0.380 9.144
9.398
9.652
L
0.082 0.087 0.106 2.083
2.210
2.70
y
-
-
0.004
-
-
0.102
Q
0o
-
7o
0o
-
7o


유사한 부품 번호 - GS74116TJ

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10 GSI-GS74116AGP-10 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10 GSI-GS74116AGP-10 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10 GSI-GS74116AGP-10 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-10I GSI-GS74116AGP-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
More results

유사한 설명 - GS74116TJ

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS74117AX GSI-GS74117AX Datasheet
348Kb / 12P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12I GSI-GS74116AGP-12I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116A GSI-GS74116A Datasheet
433Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGX-10I GSI-GS74116AGX-10I Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74104TP GSI-GS74104TP Datasheet
410Kb / 12P
   1M x 4 4Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
GSI Technology
GS74104ATP GSI-GS74104ATP Datasheet
489Kb / 11P
   1M x 4 4Mb Asynchronous SRAM
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com