전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U0402FC3.3C 데이터시트(PDF) 4 Page - Protek Devices

부품명 U0402FC3.3C
상세설명  UNBUMPED FLIP CHIP ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTEC [Protek Devices]
홈페이지  http://www.protekdevices.com
Logo PROTEC - Protek Devices

U0402FC3.3C 데이터시트(HTML) 4 Page - Protek Devices

  U0402FC3.3C Datasheet HTML 1Page - Protek Devices U0402FC3.3C Datasheet HTML 2Page - Protek Devices U0402FC3.3C Datasheet HTML 3Page - Protek Devices U0402FC3.3C Datasheet HTML 4Page - Protek Devices U0402FC3.3C Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.protekdevices.com
05149.R4 3/05
U0402FC3.3C
thru
U0402FC36C
APPLICATION INFORMATION
Ramp-up
Ramp-down
Ramp-up
15 seconds
Solder Time
15-20 seconds
Ramp-down
T
S - Preheat
T
SMAX
T
SMIN
T
L
t 25°C to Peak
30-60 seconds
T
P
155°
140°
0.275mm
Round
Non-Solder Mask Defined Pads
0.325mm Round
0.150mm
0.330mm Round
No Clean
OSP(Entek Cu Plus 106A)
±50µm
±20µm
60 Seconds
270°C
Pad Size on PCB
Pad Shape
Pad Definition
Solder Mask Opening
Solder Stencil Thickness
Solder Stencil Aperture Opening (laser cut, 5% tapered walls)
Solder Paste Type
Pad Protective Finish
Tolerance - Edge To Corner Ball
Solder Ball Side Coplanarity
Maximum Dwell Time Above Liquidous (183°C)
Soldering Maximum Temperature
PRINTED CIRCUIT BOARD RECOMMENDATIONS
PARAMETER
VALUE
REQUIREMENTS
Temperature:
T
P for Lead-Free (SnAgCu):
260-265°C
T
P for Tin-Lead: 240-245°C
Preheat time and temperature depends on solder paste and flux
activation temperature, component size, weight, surface area &
plating.
RECOMMENDED NON-SOLDER MASK
DEFINED PAD ILLUSTRATION
Non-Solder Mask Defined Pad
0.275mm DIA.
Solder Mask Opening
0.325mm DIA.
Solder Stencil Opening
0.330mm DIA.


유사한 부품 번호 - U0402FC3.3C

제조업체부품명데이터시트상세설명
logo
Protek Devices
U0402FC3.3C PROTEC-U0402FC3.3C Datasheet
567Kb / 8P
   250w unbumped flip chip tvs array
U0402FC3.3C PROTEC-U0402FC3.3C Datasheet
569Kb / 8P
   250W UMBUMPED FLIP CHIP TVS ARRAY
U0402FC3.3C PROTEC-U0402FC3.3C_11 Datasheet
567Kb / 8P
   250w unbumped flip chip tvs array
U0402FC3.3C PROTEC-U0402FC3.3C_12 Datasheet
569Kb / 8P
   250W UMBUMPED FLIP CHIP TVS ARRAY
More results

유사한 설명 - U0402FC3.3C

제조업체부품명데이터시트상세설명
logo
Protek Devices
U0404FC33C PROTEC-U0404FC33C Datasheet
105Kb / 6P
   UNBUMPED FLIP CHIP ARRAY
U0406FC33C PROTEC-U0406FC33C Datasheet
109Kb / 6P
   UNBUMPED FLIP CHIP ARRAY
U0408FC33C PROTEC-U0408FC33C Datasheet
112Kb / 6P
   UNBUMPED FLIP CHIP ARRAY
ULLC0408FC05C PROTEC-ULLC0408FC05C Datasheet
112Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC3.3C PROTEC-ULLC0402FC3.3C Datasheet
159Kb / 4P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
U0402FC3.3C PROTEC-U0402FC3.3C_11 Datasheet
567Kb / 8P
   250w unbumped flip chip tvs array
ULC0406FC33C PROTEC-ULC0406FC33C Datasheet
118Kb / 6P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC33C PROTEC-ULLC0402FC33C Datasheet
102Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC05C PROTEC-ULLC0402FC05C_06 Datasheet
76Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0408FC05C PROTEC-ULLC0408FC05C_07 Datasheet
76Kb / 6P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com