전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FFP08H60STU 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FFP08H60STU
상세설명  Hyperfast Recovery Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFP08H60STU 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FFP08H60STU Datasheet HTML 1Page - Fairchild Semiconductor FFP08H60STU Datasheet HTML 2Page - Fairchild Semiconductor FFP08H60STU Datasheet HTML 3Page - Fairchild Semiconductor FFP08H60STU Datasheet HTML 4Page - Fairchild Semiconductor FFP08H60STU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FFP08H60S Rev. A
FFP08H60S
Hyperfast Recovery Power Rectifier
Features
• High Speed Switching
• High Reverse Voltage and High Reliability
• Avalanche Energy Rated
• Low Forward Voltage
Applications
• General Purpose
• Switching Mode Power Supply
• Free-wheeling diode for motor application
• Power switching circuits
Absolute Maximum Ratings (per diode) T
a = 25°C unless otherwise noted
Thermal Characteristics T
a = 25°C unless otherwise noted
Package Marking and Ordering Information
Symbol
Parameter
Value
Units
VRRM
Peak Repetitive Reverse Voltage
600
V
VRWM
Working Peak Reverse Voltage
600
V
VR
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
@ TC = 120°C8
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
60
A
TJ, TSTG
Operating Junction and Storage Temperature
- 65 to +150
°C
Symbol
Parameter
Max
Units
RθJC
Maximum Thermal Resistance, Junction to Case
2.5
°C/W
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
F08H60S
FFP08H60STU
TO-220AC
-
-
50
1. Cathode
2. Anode
TO-220-2L
Marking:08H60S
12
1. Cathode
2. Anode


유사한 부품 번호 - FFP08H60STU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FFP08H60STU FAIRCHILD-FFP08H60STU Datasheet
187Kb / 5P
   Hyperfast 2 Rectifier
More results

유사한 설명 - FFP08H60STU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FFH75H60S FAIRCHILD-FFH75H60S Datasheet
315Kb / 6P
   Hyperfast Recovery Power Rectifier
FFPF10H60S FAIRCHILD-FFPF10H60S Datasheet
164Kb / 5P
   Hyperfast Recovery Power Rectifier
logo
Solid States Devices, I...
RC0107B SSDI-RC0107B_15 Datasheet
213Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
HFR30A12P YENYO-HFR30A12P Datasheet
753Kb / 2P
   Hyperfast Recovery Rectifier
logo
Solid States Devices, I...
1N7066 SSDI-1N7066_1 Datasheet
167Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
RC0107B SSDI-RC0107B Datasheet
213Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
RH0087F SSDI-RH0087F_15 Datasheet
153Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
HFR15A12 YENYO-HFR15A12 Datasheet
787Kb / 2P
   Hyperfast Recovery Rectifier
HFR60A06PD YENYO-HFR60A06PD Datasheet
1,011Kb / 3P
   Hyperfast Recovery Rectifier
logo
Solid States Devices, I...
SPD605 SSDI-SPD605_1 Datasheet
153Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com