전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q67050-A4113 데이터시트(PDF) 1 Page - Infineon Technologies AG

부품명 Q67050-A4113
상세설명  IGBT Chip in NPT-technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67050-A4113 데이터시트(HTML) 1 Page - Infineon Technologies AG

  Q67050-A4113 Datasheet HTML 1Page - Infineon Technologies AG Q67050-A4113 Datasheet HTML 2Page - Infineon Technologies AG Q67050-A4113 Datasheet HTML 3Page - Infineon Technologies AG Q67050-A4113 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIGC16T120CS
Edited by INFINEON Technologies AI PS DD HV3, L 7131-S, Edition 2, 03.09.2003
IGBT Chip in NPT-technology
This chip is used for:
SGP07N120
FEATURES:
1200V NPT technology
180µm chip
short circuit prove
positive temperature coefficient
easy paralleling
Applications:
drives, SMPS, resonant
applications
G
C
E
Chip Type
VCE
ICn
Die Size
Package
Ordering Code
SIGC16T120CS
1200V
8A
4.04 x 4 mm
2
sawn on foil
Q67050-A4113
MECHANICAL PARAMETER:
Raster size
4.04 x 4
Area total / active
16.16 / 10.4
Emitter pad size
1.88x2.18
Gate pad size
0.71x1.08
mm
2
Thickness
200
µm
Wafer size
150
mm
Flat position
0
deg
Max.possible chips per wafer
898 pcs
Passivation frontside
Photoimide
Emitter metalization
3200 nm Al Si 1%
Collector metalization
1400 nm Ni Ag –system
suitable for epoxy and soft solder die bonding
Die bond
electrically conductive glue or solder
Wire bond
Al,
≤500µm
Reject Ink Dot Size
∅ 0.65mm ; max 1.2mm
Recommended Storage Environment
store in original container, in dry nitrogen,
< 6 month at an ambient temperature of 23°C


유사한 부품 번호 - Q67050-A4113

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
Q67050-A4110 INFINEON-Q67050-A4110 Datasheet
73Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
Q67050-A4112-A001 INFINEON-Q67050-A4112-A001 Datasheet
85Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 8.01.2002
Q67050-A4114 INFINEON-Q67050-A4114 Datasheet
66Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 03.09.2003
Q67050-A4115-A001 INFINEON-Q67050-A4115-A001 Datasheet
69Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 03.09.2003
Q67050-A4117-A003 INFINEON-Q67050-A4117-A003 Datasheet
71Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 04.09.2003
More results

유사한 설명 - Q67050-A4113

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SIGC121T60NR2C INFINEON-SIGC121T60NR2C Datasheet
67Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 28.11.2003
SIGC42T170R2C INFINEON-SIGC42T170R2C Datasheet
71Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 04.09.2003
SIGC81T120R2CS INFINEON-SIGC81T120R2CS Datasheet
70Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 03.09.2003
SIGC144T170R2C INFINEON-SIGC144T170R2C Datasheet
71Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 04.09.2003
SIGC223T120R2CS INFINEON-SIGC223T120R2CS Datasheet
69Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 03.09.2003
SIGC42T120CS2 INFINEON-SIGC42T120CS2 Datasheet
67Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 03.09.2003
SIGC14T60NC INFINEON-SIGC14T60NC Datasheet
70Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 28.11.2003
SIGC16T120CL INFINEON-SIGC16T120CL Datasheet
66Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 03.09.2003
SIGC156T60NR2C INFINEON-SIGC156T60NR2C Datasheet
70Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 28.11.2003
SIGC06T120CS INFINEON-SIGC06T120CS Datasheet
69Kb / 4P
   IGBT Chip in NPT-technology
Edition 2, 03.09.2003
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com