전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4736A 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 1N4736A
상세설명  COLOR BAND DENOTES CATHODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4736A 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  1N4736A Datasheet HTML 1Page - Fairchild Semiconductor 1N4736A Datasheet HTML 2Page - Fairchild Semiconductor 1N4736A Datasheet HTML 3Page - Fairchild Semiconductor 1N4736A Datasheet HTML 4Page - Fairchild Semiconductor 1N4736A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.fairchildsemi.com
1N4728A - 1N4764A Rev. G2
Top Mark Information (Continued)
General Requirements:
1.0 Cathod Band
2.0 First Line: F - Fairchild Logo
3.0 Second Line: Device name - For 1Nxx series: 3rd to 4th characters of the device name.
For BZxx series: 4th to 6th characters of the device name.
4.0 Third Line: Device name - For 1Nxx series: 5th to 6th characters of the device name.
For BZXyy series: Voltage rating
5.0 Third Line: Device name - For 1Nxx series: 7th to 8th characters of the device name.
(the 8th character is the large die identification)
For BZXyy series: Large Die Identification character
6.0 Fourth Line: Date Code - Two Digit - Six Weeks Date Code
Where: X represents the last digit of the calendar year
Y represents the Six weeks numeric code
7.0 Devices shall be marked as required in the device specification (PID or FSC Test Spec).
8.0 Maximum no. of marking lines: 5
9.0 Maximum no. of digits per line: 3
10.0 FSC logo must be 20 % taller than the alphanumeric marking and should occupy the 2 characters of the specified line.
11.0 Marking Font: Arial (Except FSC Logo)
12.0 First character of each marking line must be aligned vertically
F
47
36
A
F
XY
1st line: F - Fairchild Logo
2nd line: Device Name - 3rd to 4th characters of device name for 1Nxx series
or 4th to 6th characters for BZXyy series
3rd line: Device Name - 5th to 6th characters of device name for 1Nxx series
or Voltage rating for BZXyy series
4th line: Device Name - 7th to 8th characters of device name for 1Nxx series
or Large Die identification only for BZXyy series
5th line: Date Code - Two Digit - Six Weeks Date Code


유사한 부품 번호 - 1N4736A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1N4736A PHILIPS-1N4736A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4736A VISHAY-1N4736A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Chongqing Pingwei Enter...
1N4736A CHONGQING-1N4736A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
RFE international
1N4736A RFE-1N4736A Datasheet
554Kb / 4P
   Zener Diodes
DEC-13-2023
logo
List of Unclassifed Man...
1N4736A ETC1-1N4736A Datasheet
16Kb / 1P
   Zener Diodes
More results

유사한 설명 - 1N4736A

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
G105C NJSEMI-G105C Datasheet
80Kb / 1P
   Color band denotes cathode end
logo
Yea Shin Technology Co....
B5819WSFL YEASHIN-B5819WSFL Datasheet
202Kb / 3P
   Band Indicates Cathode
logo
E-SWITCH
34-PP27U12B2 E-SWITCH-34-PP27U12B2 Datasheet
72Kb / 1P
   DENOTES CRITICAL PARAMETER
logo
Lucky Light Electronic
GB-419 LUCKY-LIGHT-GB-419 Datasheet
43Kb / 1P
   Multi-Color, Common Cathode 3mm Cylindrical Type
logo
List of Unclassifed Man...
209EGW ETC-209EGW Datasheet
117Kb / 5P
   3.0MM BI - COLOR (MULTI-COLOR) WITH COMMON CATHODE LEDS T-1
logo
Sony Corporation
CXA2039M SONY-CXA2039M Datasheet
133Kb / 11P
   Base Band Hue/Color Control
logo
Communications & Power ...
3CX10-000U7 CPI-3CX10-000U7 Datasheet
113Kb / 1P
   Cathode driven low band TV linear RF amplifier
logo
First Components Intern...
1SMA5921B FCI-1SMA5921B Datasheet
1Mb / 3P
   1.5 WATTS Surface Mount Zener Diode Polarity: cathode band
logo
Wurth Elektronik GmbH &...
150141RS73140 WURTH-150141RS73140 Datasheet
1Mb / 10P
   WL-SMTW SMT Mono-color TOP LED PLCC4 Common Cathode
001.000
150141BS73140 WURTH-150141BS73140 Datasheet
1Mb / 10P
   WL-SMTW SMT Mono-color TOP LED PLCC4 Common Cathode
001.000
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com