전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4738A 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 1N4738A
상세설명  COLOR BAND DENOTES CATHODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4738A 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  1N4738A Datasheet HTML 1Page - Fairchild Semiconductor 1N4738A Datasheet HTML 2Page - Fairchild Semiconductor 1N4738A Datasheet HTML 3Page - Fairchild Semiconductor 1N4738A Datasheet HTML 4Page - Fairchild Semiconductor 1N4738A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to
be an exhaustive list of all such trademarks.
5
www.fairchildsemi.com
1N4728A - 1N4764A Rev. G2
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY
PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY
ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT
CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR
SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1. Life support devices or systems are devices or systems which,
(a) are intended for surgical implant into the body, or (b) support
or sustain life, or (c) whose failure to perform when properly used
in accordance with instructions for use provided in the labeling,
can be reasonably expected to result in significant injury to the
user.
2. A critical component is any component of a life support device
or system whose failure to perform can be reasonably expected
to cause the failure of the life support device or system, or to
affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
Datasheet Identification
Product Status
Definition
Advance Information
Formative or In
Design
This datasheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
Preliminary
First Production
This datasheet contains preliminary data, and
supplementary data will be published at a later date.
Fairchild Semiconductor reserves the right to make
changes at any time without notice in order to improve
design.
No Identification Needed
Full Production
This datasheet contains final specifications. Fairchild
Semiconductor reserves the right to make changes at
any time without notice in order to improve design.
Obsolete
Not In Production
This datasheet contains specifications on a product
that has been discontinued by Fairchild semiconductor.
The datasheet is printed for reference information only.
FAST®
FASTr™
FPS™
FRFET™
GlobalOptoisolator™
GTO™
HiSeC™
I2C™
i-Lo™
ImpliedDisconnect™
IntelliMAX™
ISOPLANAR™
LittleFET™
MICROCOUPLER™
MicroFET™
MicroPak™
MICROWIRE™
MSX™
MSXPro™
OCX™
OCXPro™
OPTOLOGIC®
OPTOPLANAR™
PACMAN™
POP™
Power247™
PowerEdge™
PowerSaver™
PowerTrench®
QFET®
QS™
QT Optoelectronics™
Quiet Series™
RapidConfigure™
RapidConnect™
µSerDes™
SILENT SWITCHER®
SMART START™
SPM™
Stealth™
SuperFET™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SyncFET™
TinyLogic®
TINYOPTO™
TruTranslation™
UHC™
UltraFET®
UniFET™
VCX™
ACEx™
ActiveArray™
Bottomless™
CoolFET™
CROSSVOLT™
DOME™
EcoSPARK™
E2CMOS™
EnSigna™
FACT™
FACT Quiet Series™
Across the board. Around the world.™
The Power Franchise®
Programmable Active Droop™
Rev. I15


유사한 부품 번호 - 1N4738A

제조업체부품명데이터시트상세설명
logo
Chongqing Pingwei Enter...
1N4738A CHONGQING-1N4738A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
NXP Semiconductors
1N4738A PHILIPS-1N4738A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4738A VISHAY-1N4738A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Yangzhou yangjie electr...
1N4738A YANGJIE-1N4738A Datasheet
188Kb / 3P
   Zener Diodes
logo
List of Unclassifed Man...
1N4738A ETC1-1N4738A Datasheet
16Kb / 1P
   Zener Diodes
More results

유사한 설명 - 1N4738A

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
G105C NJSEMI-G105C Datasheet
80Kb / 1P
   Color band denotes cathode end
logo
Yea Shin Technology Co....
B5819WSFL YEASHIN-B5819WSFL Datasheet
202Kb / 3P
   Band Indicates Cathode
logo
E-SWITCH
34-PP27U12B2 E-SWITCH-34-PP27U12B2 Datasheet
72Kb / 1P
   DENOTES CRITICAL PARAMETER
logo
Lucky Light Electronic
GB-419 LUCKY-LIGHT-GB-419 Datasheet
43Kb / 1P
   Multi-Color, Common Cathode 3mm Cylindrical Type
logo
List of Unclassifed Man...
209EGW ETC-209EGW Datasheet
117Kb / 5P
   3.0MM BI - COLOR (MULTI-COLOR) WITH COMMON CATHODE LEDS T-1
logo
Sony Corporation
CXA2039M SONY-CXA2039M Datasheet
133Kb / 11P
   Base Band Hue/Color Control
logo
Communications & Power ...
3CX10-000U7 CPI-3CX10-000U7 Datasheet
113Kb / 1P
   Cathode driven low band TV linear RF amplifier
logo
First Components Intern...
1SMA5921B FCI-1SMA5921B Datasheet
1Mb / 3P
   1.5 WATTS Surface Mount Zener Diode Polarity: cathode band
logo
Wurth Elektronik GmbH &...
150141RS73140 WURTH-150141RS73140 Datasheet
1Mb / 10P
   WL-SMTW SMT Mono-color TOP LED PLCC4 Common Cathode
001.000
150141BS73140 WURTH-150141BS73140 Datasheet
1Mb / 10P
   WL-SMTW SMT Mono-color TOP LED PLCC4 Common Cathode
001.000
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com