전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSLV34X245 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FSLV34X245
상세설명  32-Bit Bus Switch (Preliminary)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSLV34X245 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FSLV34X245 Datasheet HTML 1Page - Fairchild Semiconductor FSLV34X245 Datasheet HTML 2Page - Fairchild Semiconductor FSLV34X245 Datasheet HTML 3Page - Fairchild Semiconductor FSLV34X245 Datasheet HTML 4Page - Fairchild Semiconductor FSLV34X245 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary
© 2001 Fairchild Semiconductor Corporation
DS500018
www.fairchildsemi.com
October 2001
Revised October 2001
FSLV34X245
32-Bit Bus Switch (Preliminary)
General Description
The Fairchild Switch FSLV34X245 provides 32-bits of high-
speed CMOS bus switching in a standard 245 pin-out. The
low On Resistance of the switch allows inputs to be con-
nected to outputs without adding propagation delay or gen-
erating additional ground bounce noise.
The device is organized as an 32-bit switch. When OE is
LOW, the switch is ON and Port A is connected to Port B.
When OE is HIGH, the switch is OPEN and a High-Imped-
ance state exists between the two ports.
Features
s 5
Ω switch connection between two ports
s Minimal propagation delay through the switch
s Low lCC
s Zero bounce in flow-through mode
s Low Power-Off leakage currents
s 32-bit version of FSLV3245
s Packaged in “slim line” 80-lead package
Ordering Code:
Connection Diagram
Logic Diagram
Pin Descriptions
Truth Table
Order Number
Package Number
Package Description
FSLV34X245QSP
MQA80A
80-Lead, QVSOP, JEDEC MO-154, 0.150" Wide
Pin Name
Description
OE
Bus Switch Enable
ABus A
BBus B
NC
No Connect
Input OE
Function
L
Connect
H
Disconnect


유사한 부품 번호 - FSLV34X245

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FSLV16211 FAIRCHILD-FSLV16211 Datasheet
239Kb / 6P
   24-Bit Bus Switch
FSLV16211 FAIRCHILD-FSLV16211 Datasheet
304Kb / 8P
   24-Bit Bus Switch
logo
ON Semiconductor
FSLV16211 ONSEMI-FSLV16211 Datasheet
431Kb / 9P
   24-Bit Bus Switch
October 2010 Rev. 1.0.2
logo
Fairchild Semiconductor
FSLV16211GX FAIRCHILD-FSLV16211GX Datasheet
304Kb / 8P
   24-Bit Bus Switch
FSLV16211MTD FAIRCHILD-FSLV16211MTD Datasheet
304Kb / 8P
   24-Bit Bus Switch
More results

유사한 설명 - FSLV34X245

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FST16244 FAIRCHILD-FST16244 Datasheet
162Kb / 4P
   16-Bit Bus Switch (Preliminary)
FST34X245 FAIRCHILD-FST34X245 Datasheet
360Kb / 5P
   32-Bit Bus Switch
logo
Texas Instruments
SN74CBT32245 TI-SN74CBT32245 Datasheet
260Kb / 8P
[Old version datasheet]   32-BIT FET BUS SWITCH
SN74CBT34X245 TI-SN74CBT34X245 Datasheet
118Kb / 7P
[Old version datasheet]   32-BIT FET BUS SWITCH
logo
Fairchild Semiconductor
FSTD16244 FAIRCHILD-FSTD16244 Datasheet
186Kb / 6P
   16-Bit Bus Switch with Level Shifting (Preliminary)
logo
Pericom Semiconductor C...
PI5C34X245 PERICOM-PI5C34X245_11 Datasheet
628Kb / 4P
   32-Bit, 2-Port Bus Switch
PI5C34X245 PERICOM-PI5C34X245 Datasheet
344Kb / 5P
   32-Bit, 2-Port Bus Switch
logo
PMC-Sierra, Inc
RM5231A PMC-RM5231A Datasheet
595Kb / 40P
   RM5231A??Microprocessor with 32-Bit System Bus Data Sheet Preliminary
logo
Fairchild Semiconductor
FSTU16211 FAIRCHILD-FSTU16211 Datasheet
211Kb / 6P
   24-Bit Bus Switch with .2V Undershoot Protection (Preliminary)
logo
ON Semiconductor
FST16233 ONSEMI-FST16233 Datasheet
203Kb / 8P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
Revised November 2000
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com