전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

ILA1519B1 데이터시트(Datasheet) 3 Page - Integral Corp.

부품명 ILA1519B1
상세내용  2 X 6 WATT STEREO CAR RADIO POWER AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  INTEGRAL [Integral Corp.]
홈페이지  http://www.iksemi.com/
Logo 

   
 3 page
background image
ILA1519B
3
Notes to the characteristics
1.
All characteristics are measured using the circuit shown in Fig. 4.
2.
The circuit is DC adjusted at Vp= 6V to 18V and AC operating at Vp= 8,5V to 18 V.
3.
At 18 V < Vp< 30 V the DC output voltage < Vp/2.
4.
Output power is measured directly at the output pins of the IC.
5.
Frequency response externally fixed.
6.
Ripple rejection measured at the output with a source impedance of 0 ^
(maximum ripple amplitude of 2 V) and a frequency between 100 Hz and 10 kHz.
7.
Noise voltage measured in a bandwidth of 20 Hz to 20 kHz.
8.
Noise output voltage independent of Rn (V j = 0 V).




Html 페이지

1  2  3 


데이터시트



관련 부품명

부품명상세내용Html View제조사
ILA15192 x 6 Watt Stereo Car Radio Power Amplifier 1 2 List of Unclassifed Manufacturers
TDA1516BQ24 W BTL or 2 x 12 watt stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
ILA1519B2 X 6 WATT STEREO CAR RADIO POWER AMPLIFIER 1 2 3 Integral Corp.
TDA1518BQ24 W BTL or 2 x 12 watt stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
KIA7217APBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 5.8W AUDIO POWER AMPLIFIER CAR STEREO CAR RADIO OUTPUT 1 2 3 4 KEC(Korea Electronics)
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics
TDA1515BQ24 W BTL or 2 x 12 W stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8566Q2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
LA4425A5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo 1 2 3 4 5 MoreSanyo Semicon Device
NTE1390Integrated Circuit Audio Power Amplifier 12W for Car Radio or Car Stereo 1 2 3 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl