전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

ILA1519B1 데이터시트(Datasheet) 1 Page - Integral Corp.

부품명 ILA1519B1
상세내용  2 X 6 WATT STEREO CAR RADIO POWER AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  INTEGRAL [Integral Corp.]
홈페이지  http://www.iksemi.com/
Logo 

   
 1 page
background image
ILA1519B
1
2 X 6 WATT STEREO CAR RADIO POWER AMPLIFIER
GENERAL DESCRIPTION
The ILA1519B is an integrated class-B dual output amplifier in a 9-lead single in-line (SIL) plastic medium
power package. The device is primarily developed for car radio applications.
Features
Requires very few external components
Thermally protected
High output power
Reverse polarity safe
Fixed gain
Compatible with TDA1517 (except gain)
Good ripple rejection
No switch-on/switch-off plop
Mute/stand-by switch
Protected against electrostatic discharge
Load dump protection
AC and DC short-circuit-safe to ground and Vp
Capability to handle high energy on outputs (Vp = 0 V)
QUICK REFERENCE DATA
parameter
conditions
symbol
min.
typ.
max.
unit
Supply voltage range
operating
Vp
6,0
14,4
18,0
V
non-operating
Vp
-
-
30
V
load dump protected
Vp
-
-
45
V
Repetitive peak
output current
IORM
-
-
2,5
A
Total quiescent
current
Itot
40
80
mA
Stand-by current
Isb
0,1
100
mA
Switch-on current
Isw
40
mA
Input impedance
/Z1/
50
k
Output power
THD= 0,5%;4
5
W
THD=10%;4
6
W
Channel separation
α
40
dB
Noise output voltage
Vno(rms)
150
µV
Supply voltage ripple
rejection
f=100Hz
SVRR
40
dB
f=1kHz to 10 kHz
SVRR
48
dB
Crystal temperature
Tc
150
0C
PACKAGE OUTLINE: 9-lead SIL-bent-to-DIL; plastic (SOT110B).
PINNING
1
NV1
non-inverting input 1
2
GND1
ground (signal)
3
SVRR
supply voltage ripple rejection
4
OUT1
output 1
5
GND2
ground (substrate)
6
OUT2
output 2
7
Vp
supply voltage
8
M/SS
mute/stand-by switch
9
INV2
non-inverting input 2




Html 페이지

1  2  3 


데이터시트



관련 부품명

부품명상세내용Html View제조사
ILA15192 x 6 Watt Stereo Car Radio Power Amplifier 1 2 List of Unclassifed Manufacturers
TDA1516BQ24 W BTL or 2 x 12 watt stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
ILA1519B2 X 6 WATT STEREO CAR RADIO POWER AMPLIFIER 1 2 3 Integral Corp.
TDA1518BQ24 W BTL or 2 x 12 watt stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
KIA7217APBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 5.8W AUDIO POWER AMPLIFIER CAR STEREO CAR RADIO OUTPUT 1 2 3 4 KEC(Korea Electronics)
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics
TDA1515BQ24 W BTL or 2 x 12 W stereo car radio power amplifier 1 2 3 4 5 MoreNXP Semiconductors
TDA8566Q2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs 1 2 3 4 5 MoreNXP Semiconductors
LA4425A5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo 1 2 3 4 5 MoreSanyo Semicon Device
NTE1390Integrated Circuit Audio Power Amplifier 12W for Car Radio or Car Stereo 1 2 3 NTE Electronics

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl