전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LJ6008D8RP 데이터시트(PDF) 2 Page - Littelfuse

부품명 LJ6008D8RP
상세설명  8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LJ6008D8RP 데이터시트(HTML) 2 Page - Littelfuse

  LJ6008D8RP Datasheet HTML 1Page - Littelfuse LJ6008D8RP Datasheet HTML 2Page - Littelfuse LJ6008D8RP Datasheet HTML 3Page - Littelfuse LJ6008D8RP Datasheet HTML 4Page - Littelfuse LJ6008D8RP Datasheet HTML 5Page - Littelfuse LJ6008D8RP Datasheet HTML 6Page - Littelfuse LJ6008D8RP Datasheet HTML 7Page - Littelfuse LJ6008D8RP Datasheet HTML 8Page - Littelfuse LJ6008D8RP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Thyristor Datasheet
© 2021 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 05/07/21
2
LJxx08xx & QJxx08xHx & QJxx08xx Series
8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Absolute Maximum Ratings — Sensitive Triac (4 Quadrants)
Symbol
Parameter
Value
Unit
V
DSM/VRSM
Peak non-repetitive blocking voltage
P
W=100 μs
600V
700
V
I
T(RMS)
RMS on-state current (full sine wave)
LJxx08Vy/LJxx08Dy
T
C = 130°C
8
A
I
TSM
Non repetitive surge peak on-state current
(full cycle, T
J initial = 25°C)
f = 50 Hz
t = 20 ms
70
A
f = 60 Hz
t = 16.7 ms
84
I2t
I2t Value for fusing
t
p = 8.3 ms
29
A2s
di/dt
Critical rate of rise of on-state current
I
G = 50mA with 0.1µs rise time
f = 60 Hz
T
J = 150°C
150
A/μs
I
GTM
Peak gate trigger current
t
p=20μs
T
J = 150°C
4
A
P
G(AV)
Average gate power dissipation
T
J = 150°C
0.3
W
T
stg
Storage temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 150
°C
Absolute Maximum Ratings — Alternistor (3 Quadrants)
Note: xx=voltage/10, y = sensitivity
Note: xx=voltage/10, y = sensitivity
Symbol
Parameter
Value
Unit
V
DSM/VRSM
Peak non-repetitive blocking vlotage
P
W=100µs
600V
700
V
800V
1000
V
I
T(RMS)
RMS on-state current (full sine wave)
QJxx08VHy/QJxx08DHy
T
C = 130
o
C
8
A
QJxx08LHy
T
C = 125
o
C
QJxx08RHy/QJxx08NHy
T
C = 135
o
C
I
TSM
Non repetitive surge peak on-state
current
(full cycle,T
J initial= 25
o
C)
f=50Hz
t=20ms
QJxx08VHy/QJxx08DHy
70
A
QJxx08LHy/QJxx08RHy/QJxx08NHy
83
f=60Hz
t=16.7ms
QJxx08VHy/QJxx08DHy
84
QJxx08LHy/QJxx08RHy/QJxx08NHy
100
I2t
I2t Value for fusing
t
p=8.3ms
QJxx08VHy/QJxx08DHy
29
A2s
QJxx08LHy/QJxx08RHy/QJxx08NHy
26.5
di/dt
Critical rate of rise of on-state current
f=60Hz
T
j=150
o
C
70
A/us
I
GTM
Peak gate trigger current
t
p=20µs
T
j=150
o
C
4
A/us
P
G(AV)
Average gate power dissipation
T
j=150
o
C
0.5
W
T
STG
Storage temperature range
-40 to 150
o
C
T
J
Operating juction temperature range
-40 to 150
o
C
Symbol
Parameter
Value
Unit
V
DSM/VRSM
Peak non-repetitive blocking vlotage
P
W=100µs
800V
1000
V
I
T(RMS)
RMS on-state current (full sine wave)
QJxx08L5
T
C = 125
o
C
8
A
QJxx08R5/QJxx08N5
T
C = 135
o
C
I
TSM
Non repetitive surge peak on-state current
(full cycle,T
J initial= 25oC)
f=50Hz
t=20ms
83
A
f=60Hz
t=16.7ms
100
I2t
I2t Value for fusing
t
p=8.3ms
QJxx08x5
26.5
A2s
di/dt
Critical rate of rise of on-state current
f=60Hz
T
j=150
o
C
70
A/us
I
GTM
Peak gate trigger current
t
p=20µs
T
j=150
o
C
4
A/us
P
G(AV)
Average gate power dissipation
T
j=150
o
C
0.5
W
T
STG
Storage temperature range
-40 to 150
o
C
T
J
Operating juction temperature range
-40 to 150
o
C
Absolute Maximum Ratings - Standard Triac (4 Quadrants)
Note: xx=voltage/10, x = package


유사한 부품 번호 - LJ6008D8RP

제조업체부품명데이터시트상세설명
Littelfuse
Littelfuse
LJ600100-1 LITTELFUSE-LJ600100-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ600100-3 LITTELFUSE-LJ600100-3 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ600200-1 LITTELFUSE-LJ600200-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ600200-3 LITTELFUSE-LJ600200-3 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
More results

유사한 설명 - LJ6008D8RP

제조업체부품명데이터시트상세설명
Littelfuse
Littelfuse
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com