전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LJ6008D8RP 데이터시트(PDF) 3 Page - Littelfuse

부품명 LJ6008D8RP
부품 상세설명  8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LJ6008D8RP 데이터시트(HTML) 3 Page - Littelfuse

  LJ6008D8RP Datasheet HTML 1Page - Littelfuse LJ6008D8RP Datasheet HTML 2Page - Littelfuse LJ6008D8RP Datasheet HTML 3Page - Littelfuse LJ6008D8RP Datasheet HTML 4Page - Littelfuse LJ6008D8RP Datasheet HTML 5Page - Littelfuse LJ6008D8RP Datasheet HTML 6Page - Littelfuse LJ6008D8RP Datasheet HTML 7Page - Littelfuse LJ6008D8RP Datasheet HTML 8Page - Littelfuse LJ6008D8RP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Thyristor Datasheet
© 2021 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 05/07/21
3
LJxx08xx & QJxx08xHx & QJxx08xx Series
8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Alternistor Triac (3 Quadrants)
Symbol
Test Conditions
Quadrant
QJxx08xH2
QJxx08xH3
QJxx08xH4
Unit
I
GT
V
D = 12V RL = 60 Ω
I – II – III
MAX.
10
20
35
mA
V
GT
I – II – III
MAX.
1.3
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 150°C
I – II – III
MIN.
0.15
V
I
H
Initial I
T = 100mA
MAX.
25
30
35
mA
dv/dt
V
D = VDRM Gate Open TJ = 150°C
400V
MIN.
150
250
350
V/μs
600V
100
200
250
800V
-
-
450
(dv/dt)c
(di/dt)c = 4.3 A/ms T
J = 150°C
MIN.
15
18
20
V/μs
t
gt
I
G = 12 x IGT PW= 15µs IT = 11.3 A(pk)
TYP.
10
10
10
μs
Note: xx=voltage/10, x = package
Electrical Characteristics (T
J = 25°C, unless otherwise specified) — Sensitive Triac (4 Quadrants)
Symbol
Test Conditions
Quadrant
LJxx08x8
Unit
I
GT
V
D = 12V RL = 60 Ω
I – II – III
IV
MAX.
10
20
mA
V
GT
ALL
MAX.
1.3
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 150°C
ALL
MIN.
0.15
V
I
H
Initial I
T = 100mA
MAX.
25
mA
dv/dt
V
D = VDRM Gate Open TJ = 150°C
400V
TYP.
80
V/μs
600V
50
(dv/dt)c
(di/dt)c = 4.3 A/ms T
J = 150°C
TYP.
2
V/μs
t
gt
I
G = 2 x IGT PW = 15µs IT = 11.3 A(pk)
TYP.
12
μs
Note: xx=voltage/10, x = package,
Symbol
Test Conditions
Quadrant
Valye
Unit
QJxx08x5
I
GT
V
D = 12V RL = 60 Ω
I – II – III
MAX.
50
mA
IV
50
V
GT
ALL
MAX.
1.3
V
V
GD
V
D = VDRM RL = 3.3 kΩ TJ = 150°C
ALL
MIN.
0.2
V
I
H
Initial I
T = 100mA
MAX.
50
mA
dv/dt
V
D = VDRM Gate Open TJ = 150°C
MIN.
1000
V/μs
(dv/dt)c
(di/dt)c = 4.3 A/ms T
J = 150°C
MIN.
4
V/μs
t
gt
I
G = 2X IGT PW = 15µs IT = 11.3A(pk)
TYP.
11
μs
Electrical Characteristics (T
J=25
o
C, unless otherwise specified) — Standard Triac


유사한 부품 번호 - LJ6008D8RP

제조업체부품명데이터시트부품 상세설명
Littelfuse
Littelfuse
LJ600100-1 LITTELFUSE-LJ600100-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ600100-3 LITTELFUSE-LJ600100-3 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ600200-1 LITTELFUSE-LJ600200-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ600200-3 LITTELFUSE-LJ600200-3 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
More results

유사한 설명 - LJ6008D8RP

제조업체부품명데이터시트부품 상세설명
Littelfuse
Littelfuse
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com