전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LJ6008D8RP 데이터시트(PDF) 4 Page - Littelfuse

부품명 LJ6008D8RP
상세설명  8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LJ6008D8RP 데이터시트(HTML) 4 Page - Littelfuse

  LJ6008D8RP Datasheet HTML 1Page - Littelfuse LJ6008D8RP Datasheet HTML 2Page - Littelfuse LJ6008D8RP Datasheet HTML 3Page - Littelfuse LJ6008D8RP Datasheet HTML 4Page - Littelfuse LJ6008D8RP Datasheet HTML 5Page - Littelfuse LJ6008D8RP Datasheet HTML 6Page - Littelfuse LJ6008D8RP Datasheet HTML 7Page - Littelfuse LJ6008D8RP Datasheet HTML 8Page - Littelfuse LJ6008D8RP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Thyristor Datasheet
© 2021 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 05/07/21
4
LJxx08xx & QJxx08xHx & QJxx08xx Series
8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Static Characteristics
Symbol
Test Conditions
Value
Unit
V
TM
I
TM = 11.3A, tp = 380 μs
MAX
1.5
V
I
DRM/IRRM
V
DRM=VRRM
LJxx08xy
T
J = 25
o
C
400-600V
MAX
10
µA
T
J = 125
o
C
400-600V
0.5
mA
T
J = 150
o
C
400-600V
3
QJxx08xHy
T
J = 25
o
C
400-800V
10
µA
T
J = 125
o
C
400-800V
0.5
mA
T
J = 150
o
C
400-800V
3
QJxx08x5
T
J = 25
o
C
800V
10
µA
T
J = 125
o
C
0.5
mA
T
J = 150
o
C
4
Thermal Resistances
Symbol
Parameter
Value
Unit
R
thJC
Junction to case (AC)
LJ/QJxx08Vyy
1.5
o
C/W
LJ/QJxx08Dyy
QJxx08R5/QJxx08N5
1.2
QJxx08L5
2.3
R
thJA
Junction to ambient
LJ/QJxx08Vyy
70
o
C/W
LJ/QJxx08Dyy
QJxx08R5/QJxx08N5
45
QJxx08L5
90
Figure 2:
Normalized DC Gate Trigger Current for
All Quadrants vs. Junction Temperature
Junction Temperature (T
J)- ºC
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-40-15
10
35
60
85
110135
150
Figure 1:
Definition of Quadrants
Note: Alternistors will not operate in QIV
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
NOTE: Alternistors will not operate in QIV
MT1
MT2
+ I
GT
REF
QII
MT1
IGT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
IGT
GATE
(+)
IGT -
IGT
GATE
(
-)
IGT
GATE
(+)
+
-
Note: xx=voltage/10, x=package, y = sensitivity


유사한 부품 번호 - LJ6008D8RP

제조업체부품명데이터시트상세설명
Littelfuse
Littelfuse
LJ600100-1 LITTELFUSE-LJ600100-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ600100-3 LITTELFUSE-LJ600100-3 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ600200-1 LITTELFUSE-LJ600200-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ600200-3 LITTELFUSE-LJ600200-3 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
More results

유사한 설명 - LJ6008D8RP

제조업체부품명데이터시트상세설명
Littelfuse
Littelfuse
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com