전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LJ6008D8RP 데이터시트(PDF) 1 Page - Littelfuse

부품명 LJ6008D8RP
상세설명  8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LJ6008D8RP 데이터시트(HTML) 1 Page - Littelfuse

  LJ6008D8RP Datasheet HTML 1Page - Littelfuse LJ6008D8RP Datasheet HTML 2Page - Littelfuse LJ6008D8RP Datasheet HTML 3Page - Littelfuse LJ6008D8RP Datasheet HTML 4Page - Littelfuse LJ6008D8RP Datasheet HTML 5Page - Littelfuse LJ6008D8RP Datasheet HTML 6Page - Littelfuse LJ6008D8RP Datasheet HTML 7Page - Littelfuse LJ6008D8RP Datasheet HTML 8Page - Littelfuse LJ6008D8RP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Thyristor Datasheet
© 2021 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 05/07/21
1
LJxx08xx & QJxx08xHx & QJxx08xx Series
8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Main Features
Description
This 8 A High Temperature Alternistor Triac solid state switch series
is designed for AC switching and phase control applications such as
motor speed and temperature modulation controls, lighting controls,
and static switching relays.
Sensitive type components guarantee gate control in Quadrants I &
IV as needed for digital control circuitry.
Alternistor type components only operate in quadrants I, II, & III and
are used in circuits requiring high dv/dt capability.
Standard type devices normally operate in Quadrants I & III triggered
from AC line
Symbol
Value
Unit
I
T(RMS)
8
A
V
DRM/VRRM
400 or 600 or 800
V
I
GT (Q1)
10 to 50
mA
Features & Benefits
150°C maximum junction
temperature
Voltage capability up
to 800V
Surge capability up
to 100A at 60Hz half cycle
Solid-state switching
eliminates arcing or contact
bounce that create voltage
transients
No contacts to wear out from
reaction of switching events
Restricted (or limited) RFI
generation, depending on
activation point of
sine wave
Requires only a short gate
activation pulse in each half-
cycle
Halogen free and RoHS
compliant
Applications
Excellent for AC switching and phase control applications such as
heating, lighting, and motor speed controls.
Typical applications are AC solid-state switches, light dimmers, power
tools, home/brown goods and white goods appliances.
Alternistor Triacs (no snubber required) are used in applications with
high inductive loads requiring the highest commutation performance.
Schematic Symbol
MT2
MT1
G
RoHS
Resources
Accessories
Samples
Additional Information
Agency Approvals and Environmental
Environmental Approvals
RoHS
Note: UL recognition agency file number E71639 (L package only)


유사한 부품 번호 - LJ6008D8RP

제조업체부품명데이터시트상세설명
Littelfuse
Littelfuse
LJ600100-1 LITTELFUSE-LJ600100-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ600100-3 LITTELFUSE-LJ600100-3 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ600200-1 LITTELFUSE-LJ600200-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ600200-3 LITTELFUSE-LJ600200-3 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
More results

유사한 설명 - LJ6008D8RP

제조업체부품명데이터시트상세설명
Littelfuse
Littelfuse
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com