전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LJ6008D8RP 데이터시트(PDF) 10 Page - Littelfuse

부품명 LJ6008D8RP
부품 상세설명  8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LJ6008D8RP 데이터시트(HTML) 10 Page - Littelfuse

Back Button LJ6008D8RP Datasheet HTML 3Page - Littelfuse LJ6008D8RP Datasheet HTML 4Page - Littelfuse LJ6008D8RP Datasheet HTML 5Page - Littelfuse LJ6008D8RP Datasheet HTML 6Page - Littelfuse LJ6008D8RP Datasheet HTML 7Page - Littelfuse LJ6008D8RP Datasheet HTML 8Page - Littelfuse LJ6008D8RP Datasheet HTML 9Page - Littelfuse LJ6008D8RP Datasheet HTML 10Page - Littelfuse LJ6008D8RP Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Thyristor Datasheet
© 2021 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 05/07/21
10
LJxx08xx & QJxx08xHx & QJxx08xx Series
8 Amp High Temp Sensitive,Standard & Alternistor(High Communication)Triacs
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
LJxx08D8TP
LJxx08D8
0.3g
Tube Pack
750(75 per tube)
LJxx08D8RP
LJxx08D8
0.3g
Embossed Carrier
2500
LJxx08V8TP
LJxx08V8
0.4g
Tube Pack
750(75 per tube)
QJxx06VH2TP
QJxx08VH2
0.3g
Tube Pack
750(75 per tube)
QJxx08DH2TP
QJxx08DH2
0.3g
Tube Pack
750(75 per tube)
QJxx08DH2RP
QJxx08DH2
0.3g
Embossed Carrier
2500
QJxx08DH3TP
QJxx08DH3
0.3g
Tube Pack
750(75 per tube)
QJxx08DH3RP
QJxx08DH3
0.3g
Embossed Carrier
2500
QJxx08VH3TP
QJxx08VH3
0.4g
Tube Pack
750(75 per tube)
QJxx08DH4TP
QJxx08DH4
0.3g
Tube Pack
750(75 per tube)
QJxx08DH4RP
QJxx08DH4
0.3g
Embossed Carrier
2500
QJxx08VH4TP
QJxx08VH4
0.4g
Tube Pack
750(75 per tube)
QJxx08LH4TP
QJxx08LH4
2.2g
Tube Pack
1000(50per tube)
QJxx08RH4TP
QJxx08RH4
2.2g
Tube Pack
1000(50per tube)
QJxx08NH4TP
QJxx08NH4
1.6g
Tube Pack
1000(50per tube)
QJxx08NH4RP
QJxx08NH4
1.6g
Embossed Carrier
500
QJxx08L5TP
QJxx08L5
2.2g
Tube Pack
1000(50per tube)
QJxx08R5TP
QJxx08R5
2.2g
Tube Pack
1000(50per tube)
QJxx08N5TP
QJxx08N5
1.6g
Tube Pack
1000(50per tube)
QJxx08N5RP
QJxx08N5
1.6g
Embossed Carrier
500
Note: xx=voltage/10
CURRENT
08: 8A
SENSITIVITY & TYPE
Sensitive Triac:
8 : 10 mA (QI, II, III)
20 mA (QIV)
Standard Triac
5 : 50mA(QI,II,III,IV)
Alternistor Triac:
H2 : 10mA(QI,II,III)
H3 : 20mA(QI,II,III)
H4 : 35mA(QI,II,III)
PACKAGE TYPE
V : TO-251 (VPAK)
D : TO-252 (DPAK)
L : TO-220 Isolated
R : TO-220 Non Isolated
N : TO-263 D2PAK
VOLTAGE RATING
40 : 400V
60 : 600V
80 : 800V
QJ 60 08 V 8
COMPONENT TYPE
LJ : HT Sensitive Triac
QJ : HT Triac or Alternistor
Part Numbering System
Part Marking System
LJ6008V8
YMLDD
®
Date Code Marking
Y:Year Code
M: Month Code
L: Location Code
DD: Calendar Code


유사한 부품 번호 - LJ6008D8RP

제조업체부품명데이터시트부품 상세설명
Littelfuse
Littelfuse
LJ600100-1 LITTELFUSE-LJ600100-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ600100-3 LITTELFUSE-LJ600100-3 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ600200-1 LITTELFUSE-LJ600200-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ600200-3 LITTELFUSE-LJ600200-3 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
More results

유사한 설명 - LJ6008D8RP

제조업체부품명데이터시트부품 상세설명
Littelfuse
Littelfuse
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
Q6016LH651 LITTELFUSE-Q6016LH651 Datasheet
974Kb / 9P
   15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com