전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L1HX-2770200000000 데이터시트(PDF) 5 Page - Lumileds Lighting Company

부품명 L1HX-2770200000000
상세설명  Best performance. Most usable light.
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMILEDS [Lumileds Lighting Company]
홈페이지  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1HX-2770200000000 데이터시트(HTML) 5 Page - Lumileds Lighting Company

  L1HX-2770200000000 Datasheet HTML 1Page - Lumileds Lighting Company L1HX-2770200000000 Datasheet HTML 2Page - Lumileds Lighting Company L1HX-2770200000000 Datasheet HTML 3Page - Lumileds Lighting Company L1HX-2770200000000 Datasheet HTML 4Page - Lumileds Lighting Company L1HX-2770200000000 Datasheet HTML 5Page - Lumileds Lighting Company L1HX-2770200000000 Datasheet HTML 6Page - Lumileds Lighting Company L1HX-2770200000000 Datasheet HTML 7Page - Lumileds Lighting Company L1HX-2770200000000 Datasheet HTML 8Page - Lumileds Lighting Company L1HX-2770200000000 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DS288 LUXEON HL2X Product Datasheet 20210523 ©2021 Lumileds Holding B.V. All rights reserved.
4
Absolute Maximum Ratings
Table 4 . Absolute maximum ratings for LUXEON HL2X .
ParamEtEr
maXImum PErFormancE
DC Forward Current [1, 2, 5]
2000mA
2500mA
Peak Pulsed Forward Current [1, 3]
2500mA
2500mA
LED Junction Temperature [1] (DC & Pulse)
135°C
125°C
ESD Sensitivity (ANSI/ESDA/JEDEC JS-001-2012)
Class 3B
Operating Case Temperature [1]
-40°C to 135°C
LED Storage Temperature
-40°C to 135°C
Soldering Temperature
JEDEC 020c 260°C
Allowable Reflow Cycles
3
Reverse Voltage [4] (V
reverse)
LUXEON LEDs are not designed to be driven in reverse bias
Notes for Table 4:
1. Proper current derating must be observed to maintain the junction temperature below the maximum allowable junction temperature.
2. Residual periodic variations due to power conversion from alternating current (AC) to direct current (DC), also called “ripple,” with frequencies ≥100Hz and amplitude ≤15% of the maximum
allowable DC forward current are acceptable, assuming the average current throughout each cycle does not exceed the maximum allowable DC forward current at the corresponding
maximum junction temperature.
3. Pulsed operation with a peak drive current equal to the stated peak pulsed forward current is acceptable if the pulse on-time is ≤5ms per cycle and the duty cycle is ≤50%.
4. Transient reverse voltages and surge currents due to electrical switching or supply interruptions are acceptable if these events do not last for more than 10ms, the amplitude of the reverse
voltage does not exceed 5V and the reverse current is less than 220uA.
5. For torch application with portable battery source, maximum surge transient current during the initial turn-on is 3.5A for 180ms and thereafter not to exceed DC maximum rating current and
LED junction temperature.
Operating Conditions
Figure 1 . Maximum permissible operating conditions for LUXEON HL2X .
100
105
110
115
120
125
130
135
140
00.5
11.5
22.5
3
Current [A]
Tj


유사한 부품 번호 - L1HX-2770200000000

제조업체부품명데이터시트상세설명
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 19P
   Higher performance, color stability, lumen maintenance, and longevity.
20211210
More results

유사한 설명 - L1HX-2770200000000

제조업체부품명데이터시트상세설명
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
   The best performance, the most colors
20210816
PB133 LUMILEDS-PB133 Datasheet
1Mb / 2P
   Extreme efficacy and best performance
DS133 LUMILEDS-DS133 Datasheet
2Mb / 17P
   Extreme efficacy and best performance
logo
Hamamatsu Corporation
L2D2 HAMAMATSU-L2D2 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
logo
List of Unclassifed Man...
EFRG-P657 ETC2-EFRG-P657 Datasheet
347Kb / 2P
   The Best for Most efficient power distribution architectures in Data Center
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
List of Unclassifed Man...
G-SERIES ETC-G-SERIES Datasheet
609Kb / 2P
   The first & most popular patented high-performance design
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com