전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L1HX-2770200000000 데이터시트(PDF) 6 Page - Lumileds Lighting Company

부품명 L1HX-2770200000000
상세설명  Best performance. Most usable light.
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMILEDS [Lumileds Lighting Company]
홈페이지  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1HX-2770200000000 데이터시트(HTML) 6 Page - Lumileds Lighting Company

Back Button L1HX-2770200000000 Datasheet HTML 2Page - Lumileds Lighting Company L1HX-2770200000000 Datasheet HTML 3Page - Lumileds Lighting Company L1HX-2770200000000 Datasheet HTML 4Page - Lumileds Lighting Company L1HX-2770200000000 Datasheet HTML 5Page - Lumileds Lighting Company L1HX-2770200000000 Datasheet HTML 6Page - Lumileds Lighting Company L1HX-2770200000000 Datasheet HTML 7Page - Lumileds Lighting Company L1HX-2770200000000 Datasheet HTML 8Page - Lumileds Lighting Company L1HX-2770200000000 Datasheet HTML 9Page - Lumileds Lighting Company L1HX-2770200000000 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DS288 LUXEON HL2X Product Datasheet 20210523 ©2021 Lumileds Holding B.V. All rights reserved.
5
Characteristic Curves
Spectral Power Distribution Characteristics
Light Output Characteristics
Figure 2. Typical normalized power vs. wavelength for LUXEON HL2X at 700mA, T
j=85°C .
Figure 3 . Typical normalized light output vs . junction temperature for LUXEON HL2X at 700mA .


유사한 부품 번호 - L1HX-2770200000000

제조업체부품명데이터시트상세설명
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 19P
   Higher performance, color stability, lumen maintenance, and longevity.
20211210
More results

유사한 설명 - L1HX-2770200000000

제조업체부품명데이터시트상세설명
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
   The best performance, the most colors
20210816
PB133 LUMILEDS-PB133 Datasheet
1Mb / 2P
   Extreme efficacy and best performance
DS133 LUMILEDS-DS133 Datasheet
2Mb / 17P
   Extreme efficacy and best performance
logo
Hamamatsu Corporation
L2D2 HAMAMATSU-L2D2 Datasheet
1Mb / 7P
   The best light source is supported by the best electrode technology
logo
List of Unclassifed Man...
EFRG-P657 ETC2-EFRG-P657 Datasheet
347Kb / 2P
   The Best for Most efficient power distribution architectures in Data Center
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
List of Unclassifed Man...
G-SERIES ETC-G-SERIES Datasheet
609Kb / 2P
   The first & most popular patented high-performance design
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com