전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4937 데이터시트(PDF) 2 Page - Wing Shing Computer Components

부품명 1N4937
상세설명  Axial-Lead Fast-Recovery Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINGS [Wing Shing Computer Components]
홈페이지  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

1N4937 데이터시트(HTML) 2 Page - Wing Shing Computer Components

  1N4937 Datasheet HTML 1Page - Wing Shing Computer Components 1N4937 Datasheet HTML 2Page - Wing Shing Computer Components 1N4937 Datasheet HTML 3Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://onsemi.com
2
MAXIMUM RATINGS (Note 1)
Rating
Symbol
1N4937
Unit
*Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
600
Volts
*Non-Repetitive Peak Reverse Voltage
RMS Reverse Voltage
VRSM
VR(RMS)
650
420
Volts
*Average Rectified Forward Current
(Single phase, resistive load, TA = 75°C) (Note 2)
IO
1.0
Amp
*Non-Repetitive Peak Surge Current
(Surge applied at rated load conditions)
IFSM
30
Amps
Operating Junction Temperature Range
Storage Temperature Range
TJ
Tstg
- 65 to +150
- 65 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
(Typical Printed Circuit Board Mounting)
RθJC
65
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Instantaneous Forward Voltage
(IF = 3.14 Amp, TJ = 125°C)
vF
-
1.0
1.2
Volts
Forward Voltage
(IF = 1.0 Amp, TA = 25°C)
VF
-
1.0
1.1
Volts
*Reverse Current (Rated dc Voltage)
TA = 25°C
TA = 100°C
IR
-
-
1.0
50
5.0
100
µA
*REVERSE RECOVERY CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Recovery Time
(IF = 1.0 Amp to VR = 30 Vdc)
(IFM = 15 Amp, di/dt = 10 A/µs)
trr
-
-
150
175
200
300
ns
Reverse Recovery Current
(IF = 1.0 Amp to VR = 30 Vdc)
IRM(REC)
-
1.0
2.0
Amp
1. Ratings at 25
°C ambient temperature unless otherwise specified.
2. Derate by 20% for capacitive loads.
*Indicates JEDEC Registered Data for 1N4933 Series.
2
1N4937


유사한 부품 번호 - 1N4937

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
1N4937 MOTOROLA-1N4937 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Gaomi Xinghe Electronic...
1N4937 GXELECTRONICS-1N4937 Datasheet
325Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Semikron International
1N4937 SEMIKRON-1N4937 Datasheet
144Kb / 2P
   Fast silicon rectifier diodes
logo
HY ELECTRONIC CORP.
1N4937 HY-1N4937 Datasheet
827Kb / 3P
   Fast Recovery Recitifiers
logo
Shanghai Lunsure Electr...
1N4937 CHENYI-1N4937 Datasheet
168Kb / 2P
   FAST RECOVERY RECTIFIER
More results

유사한 설명 - 1N4937

제조업체부품명데이터시트상세설명
logo
Wing Shing Computer Com...
1N4936 WINGS-1N4936 Datasheet
48Kb / 3P
   Axial-Lead Fast-Recovery Rectifier
logo
Electronic devices inc.
RUS EDI-RUS Datasheet
43Kb / 2P
   50 ULTRA-FAST RECOVERY AXIAL LEAD RECTIFIER DIODES
logo
Microsemi Corporation
40SL MICROSEMI-40SL Datasheet
100Kb / 2P
   4 AMP AXIAL-LEAD FAST RECOVERY RECTIFIER DIODES
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
logo
ON Semiconductor
MR850 ONSEMI-MR850 Datasheet
43Kb / 4P
   Axial Lead Fast Recovery Rectifiers
July, 2006 ??Rev. 5
MR850 ONSEMI-MR850_11 Datasheet
87Kb / 4P
   Axial Lead Fast Recovery Rectifiers
May, 2011 ??Rev. 6
logo
Weitron Technology
SF11 WEITRON-SF11 Datasheet
503Kb / 3P
   Axial Lead Super Fast Rectifier
logo
SUNMATE electronic Co.,...
BYV37 SUNMATE-BYV37 Datasheet
131Kb / 2P
   2.0A Axial Leaded Fast Recovery Rectifier
BYW32 SUNMATE-BYW32 Datasheet
111Kb / 2P
   2.0A Axial Leaded Fast Recovery Rectifier
logo
Electronic devices inc.
RWB EDI-RWB Datasheet
75Kb / 2P
   5 AMPERE FAST RECOVERY AXIAL LEAD RECTIFIERS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com