전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS864472C-250 데이터시트(PDF) 8 Page - GSI Technology

부품명 GS864472C-250
상세설명  4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GSI [GSI Technology]
홈페이지  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS864472C-250 데이터시트(HTML) 8 Page - GSI Technology

Back Button GS864472C-250 Datasheet HTML 4Page - GSI Technology GS864472C-250 Datasheet HTML 5Page - GSI Technology GS864472C-250 Datasheet HTML 6Page - GSI Technology GS864472C-250 Datasheet HTML 7Page - GSI Technology GS864472C-250 Datasheet HTML 8Page - GSI Technology GS864472C-250 Datasheet HTML 9Page - GSI Technology GS864472C-250 Datasheet HTML 10Page - GSI Technology GS864472C-250 Datasheet HTML 11Page - GSI Technology GS864472C-250 Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Product Preview
GS864418(B/E)/GS864436(B/E)/GS864472(C)
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 11/2004
8/41
© 2003, GSI Technology
GS864436B Pad Out—119-Bump BGA—Top View (Package B)
1234567
A
VDDQ
A
A
ADSP
AA
VDDQ
A
BNCA
A
ADSC
AA
NC
B
CNC
A
A
VDD
AA
NC
C
DDQC
DQPC
VSS
ZQ
VSS
DQPB
DQB
D
EDQC
DQC
VSS
E1
VSS
DQB
DQB
E
F
VDDQ
DQC
VSS
G
VSS
DQB
VDDQ
F
GDQC
DQC
BC
ADV
BB
DQB
DQB
G
HDQC
DQC
VSS
GW
VSS
DQB
DQB
H
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
J
KDQD
DQD
VSS
CK
VSS
DQA
DQA
K
LDQD
DQD
BD
SCD
BA
DQA
DQA
L
M
VDDQ
DQD
VSS
BW
VSS
DQA
VDDQ
M
NDQD
DQD
VSS
A1
VSS
DQA
DQA
N
PDQD
DQPD
VSS
A0
VSS
DQPA
DQA
P
RNC
A
LBO
VDD
FT
ANC
R
T
NC
AAAA
A
ZZ
T
U
VDDQ
TMS
TDI
TCK
TDO
NC
VDDQ
U
7 x 17 Bump BGA—14 x 22 mm2 Body—1.27 mm Bump Pitch


유사한 부품 번호 - GS864472C-250

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS864418E-133 GSI-GS864418E-133 Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
GS864418E-133I GSI-GS864418E-133I Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
GS864418E-133IV GSI-GS864418E-133IV Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
GS864418E-133V GSI-GS864418E-133V Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
GS864418E-150 GSI-GS864418E-150 Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
More results

유사한 설명 - GS864472C-250

제조업체부품명데이터시트상세설명
logo
GSI Technology
GS8644V18B GSI-GS8644V18B Datasheet
1Mb / 40P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864236GB-250I GSI-GS864236GB-250I Datasheet
574Kb / 37P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864218B-V GSI-GS864218B-V Datasheet
1Mb / 35P
   4M x 18, 2M x 36, 1M x 72 72Mb S/DCD Sync Burst SRAMs
GS864418E-V GSI-GS864418E-V Datasheet
1Mb / 32P
   4M x 18, 2M x 36 72Mb S/DCD Sync Burst SRAMs
GS8322V18B GSI-GS8322V18B Datasheet
1Mb / 42P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
logo
List of Unclassifed Man...
GS832218 ETC1-GS832218 Datasheet
1Mb / 41P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
logo
GSI Technology
GS832418B GSI-GS832418B Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS8640V18T GSI-GS8640V18T Datasheet
594Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS864018T GSI-GS864018T Datasheet
979Kb / 24P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
GS864018T-V GSI-GS864018T-V Datasheet
927Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com