전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74LCX16240FT 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TC74LCX16240FT
상세설명  Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX16240FT 데이터시트(HTML) 6 Page - Toshiba Semiconductor

  TC74LCX16240FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TC74LCX16240FT
2002-10-1
6
AC Characteristics (Ta
==== ----40 to 85°C)
Characteristics
Symbol
Test Condition
VCC (V)
CL(pF)
Min
Max
Unit
2.5
± 0.2
30
1.5
5.4
2.7
50
1.5
5.3
Propagation delay time
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
50
1.5
4.5
ns
2.5
± 0.2
30
1.5
7.0
2.7
50
1.5
6.0
3-state output enable time
tpZL
tpZH
Figure 1, Figure 3
3.3
± 0.3
50
1.5
5.4
ns
2.5
± 0.2
30
1.5
6.4
2.7
50
1.5
5.4
3-state output disable time
tpLZ
tpHZ
Figure 1, Figure 3
3.3
± 0.3
50
1.5
5.3
ns
2.5
± 0.2
30
¾
¾
2.7
50
¾
¾
Output to output skew
tosLH
tosHL
(Note 11)
3.3
± 0.3
50
¾
1.0
ns
Note 11: Parameter guaranteed by design.
(tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)
Dynamic Switching Characteristics
(Ta
==== 25°C, input: tr ==== tf ==== 2.5 ns, RL ==== 500 W
W
W
W)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
VIH = 2.5 V, VIL = 0 V, CL =30pF
2.5
0.6
Quiet output maximum
dynamic VOL
VOLP
VIH = 3.3 V, VIL = 0 V, CL =50pF
3.3
0.8
V
VIH = 2.5 V, VIL = 0 V, CL =30pF
2.5
0.6
Quiet output minimum
dynamic VOL
|VOLV|
VIH = 3.3 V, VIL = 0 V, CL =50pF
3.3
0.8
V
Capacitive Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
¾
3.3
7
pF
Output capacitance
COUT
¾
3.3
8
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note 12)
3.3
25
pF
Note 12: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/16 (per bit)


유사한 부품 번호 - TC74LCX16240FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LCX16240FT TOSHIBA-TC74LCX16240FT Datasheet
187Kb / 9P
   Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX16240FT TOSHIBA-TC74LCX16240FT_07 Datasheet
187Kb / 9P
   Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
More results

유사한 설명 - TC74LCX16240FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74LCX16240FT TOSHIBA-TC74LCX16240FT_07 Datasheet
187Kb / 9P
   Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX16240AFT TOSHIBA-TC74LCX16240AFT Datasheet
252Kb / 7P
   LOW-VOLTAGE 16-BIT BUS BUFFER(INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ540FK TOSHIBA-TC7MZ540FK_07 Datasheet
186Kb / 7P
   Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
TC7MZ240FK TOSHIBA-TC7MZ240FK_07 Datasheet
185Kb / 7P
   Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
TC74LCX540F TOSHIBA-TC74LCX540F_10 Datasheet
230Kb / 11P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX240F TOSHIBA-TC74LCX240F Datasheet
193Kb / 9P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX16244FT TOSHIBA-TC74LCX16244FT_07 Datasheet
184Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX16244FT TOSHIBA-TC74LCX16244FT Datasheet
141Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX240F TOSHIBA-TC74LCX240F_07 Datasheet
243Kb / 9P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX540F TOSHIBA-TC74LCX540F_07 Datasheet
246Kb / 10P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com