전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD1038F 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TPD1038F
상세설명  Motor, Solenoid, Lamp Drivers High Side Power Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1038F 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TPD1038F Datasheet HTML 3Page - Toshiba Semiconductor TPD1038F Datasheet HTML 4Page - Toshiba Semiconductor TPD1038F Datasheet HTML 5Page - Toshiba Semiconductor TPD1038F Datasheet HTML 6Page - Toshiba Semiconductor TPD1038F Datasheet HTML 7Page - Toshiba Semiconductor TPD1038F Datasheet HTML 8Page - Toshiba Semiconductor TPD1038F Datasheet HTML 9Page - Toshiba Semiconductor TPD1038F Datasheet HTML 10Page - Toshiba Semiconductor TPD1038F Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TPD1038F
2004-01-22
7
VIL - VDD
0
1
2
3
4
5
04
8
12
16
20
SUPPLY VOLTAGE VDD (V)
Tch=25°C
VIH - VDD
0
1
2
3
4
5
04
8
12
16
20
SUPPLY VOLTAGE VDD (V)
Tch=25°C
RDS(ON) - VDD
0
0.04
0.08
0.12
0.16
0.2
04
8
12
16
20
SUPPLY VOLTAGE VDD (V)
IO=2A
Tch=25°C
RDS(ON) - Tch
0
0.04
0.08
0.12
0.16
0.2
-80
-40
0
40
80
120
160
OPERATING TEMPERATURE Tch (°C)
VDD=12V
IO=2A
VDS(ON) - IO
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
00.5
11.5
22.5
33.5
4
OUTPUT CURRENT IO (A)
VDD=12V
Tch=25°C
IDD - VDD
0
0.5
1
1.5
2
2.5
04
8
12
16
20
SUPPLY VOLTAGE VDD (V)
RL=10Ω,VIN=0V
LOAD OPEN,VIN=5V
LOAD OPEN,VIN=0V
Tch=25°C
IDD – VDD
VDS(ON) – IO
RDS(ON) – Tch
RDS(ON) – VDD
VIH – VDD
VIL – VDD
CHANNEL TEMPERATURE Tch (°C)
SUPPLY VOLTAGE VDD (V)
SUPPLY VOLTAGE VDD (V)
SUPPLY VOLTAGE VDD (V)
SUPPLY VOLTAGE VDD (V)
OUTPUT CURRENT IO (A)


유사한 부품 번호 - TPD1038F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPD1038F TOSHIBA-TPD1038F Datasheet
262Kb / 11P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1038F TOSHIBA-TPD1038F_07 Datasheet
262Kb / 11P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
More results

유사한 설명 - TPD1038F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPD1038F TOSHIBA-TPD1038F_07 Datasheet
262Kb / 11P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1053F TOSHIBA-TPD1053F Datasheet
247Kb / 14P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1039F TOSHIBA-TPD1039F Datasheet
262Kb / 10P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1036F TOSHIBA-TPD1036F Datasheet
190Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1036F TOSHIBA-TPD1036F_13 Datasheet
196Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1045F TOSHIBA-TPD1045F Datasheet
287Kb / 9P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1037BS TOSHIBA-TPD1037BS Datasheet
242Kb / 7P
   LOW-SIDE SWITCH FOR MOTOR, SOLENOID AND LAMP DRIVE
TPD1044F TOSHIBA-TPD1044F Datasheet
285Kb / 10P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com