전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPS60N50C 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFPS60N50C
상세설명  HEXFET Power MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFPS60N50C 데이터시트(HTML) 1 Page - International Rectifier

  IRFPS60N50C Datasheet HTML 1Page - International Rectifier IRFPS60N50C Datasheet HTML 2Page - International Rectifier IRFPS60N50C Datasheet HTML 3Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IRFPS60N50C
6/2/00
www.irf.com
1
PD- 93932
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply (SMPS)
l UninterruptIble Power Supply
l High Speed Power Switching
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and Dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
VDSS
RDS(on) typ.
ID
500V
0.038
60A
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
60
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
38
A
IDM
Pulsed Drain Current

240
PD @TC = 25°C
Power Dissipation
390
W
Linear Derating Factor
3.1
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300
(1.6mm from case )
°C
Recommended clip force
20
N
Absolute Maximum Ratings
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
600
mJ
IAR
Avalanche Current

–––
60
A
EAR
Repetitive Avalanche Energy

–––
39
mJ
Avalanche Characteristics
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.32
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
–––
40
Thermal Resistance
PROVISIONAL
Super-247™


유사한 부품 번호 - IRFPS60N50C

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS29N60L IRF-IRFPS29N60L Datasheet
169Kb / 9P
   SMPS MOSFET
logo
Vishay Siliconix
IRFPS29N60L VISHAY-IRFPS29N60L Datasheet
178Kb / 9P
   Power MOSFET
S-81359-Rev. A, 07-Jul-08
logo
International Rectifier
IRFPS29N60LPBF IRF-IRFPS29N60LPBF Datasheet
168Kb / 9P
   SMPS MOSFET
logo
Vishay Siliconix
IRFPS29N60LPBF VISHAY-IRFPS29N60LPBF Datasheet
178Kb / 9P
   Power MOSFET
S-81359-Rev. A, 07-Jul-08
logo
International Rectifier
IRFPS30N60K IRF-IRFPS30N60K Datasheet
136Kb / 8P
   SMPS MOSFET
More results

유사한 설명 - IRFPS60N50C

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com