전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQAF22N30 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FQAF22N30
상세설명  300V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQAF22N30 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FQAF22N30 Datasheet HTML 1Page - Fairchild Semiconductor FQAF22N30 Datasheet HTML 2Page - Fairchild Semiconductor FQAF22N30 Datasheet HTML 3Page - Fairchild Semiconductor FQAF22N30 Datasheet HTML 4Page - Fairchild Semiconductor FQAF22N30 Datasheet HTML 5Page - Fairchild Semiconductor FQAF22N30 Datasheet HTML 6Page - Fairchild Semiconductor FQAF22N30 Datasheet HTML 7Page - Fairchild Semiconductor FQAF22N30 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
  


QFET
QFET
QFET
QFET

 
 
          
        
   
!   "   
#    !   
         
!   ! 
        $ !
  

% &'()**+,-* &'Ω.+-&*+
% / 0 123
% /0 1*3
%  
% &**4! 
% 5!!$ " 
  
    
   




+
 + 
)**
+
5

0-6783
&'
(
0-&**83
&* &
(
5

9 
 
'1
(
+
: + 
±)*
+
;
 9 (! ;
 
&***
<
5
(! 
 
&'
(
;
,!(! ;
 
&*
<
!$
9=, !!$
 
1 7
+$
9
90-6783
&**
>
"!678
* ?
>$8
 
,
77@&7*
8

A  
&$? 7 
)**
8





,θ 
 , < 

& 67
8>
 , < ("

1*
8>
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"










유사한 부품 번호 - FQAF22N30

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQAF22P10 FAIRCHILD-FQAF22P10 Datasheet
629Kb / 8P
   100V P-Channel MOSFET
More results

유사한 설명 - FQAF22N30

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
   300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
   300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
   300V N-Channel MOSFET
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
   300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N30 KERSEMI-KSMD2N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQP3N30 FAIRCHILD-FQP3N30 Datasheet
708Kb / 8P
   300V N-Channel MOSFET
FQA26N30 FAIRCHILD-FQA26N30 Datasheet
702Kb / 8P
   300V N-Channel MOSFET
FQA44N30 FAIRCHILD-FQA44N30 Datasheet
745Kb / 8P
   300V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com