전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRHY57230CM 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRHY57230CM
상세설명  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRHY57230CM 데이터시트(HTML) 3 Page - International Rectifier

  IRHY57230CM Datasheet HTML 1Page - International Rectifier IRHY57230CM Datasheet HTML 2Page - International Rectifier IRHY57230CM Datasheet HTML 3Page - International Rectifier IRHY57230CM Datasheet HTML 4Page - International Rectifier IRHY57230CM Datasheet HTML 5Page - International Rectifier IRHY57230CM Datasheet HTML 6Page - International Rectifier IRHY57230CM Datasheet HTML 7Page - International Rectifier IRHY57230CM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ➄➅
Parameter
Up to 600K Rads(Si)1 1000K Rads (Si)2 Units
Test Conditions
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
200
200
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
2.0
4.0
1.5
4.0
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
100
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
-100
VGS = -20 V
IDSS
Zero Gate Voltage Drain Current
10
10
µA
VDS=160V, VGS =0V
RDS(on)
Static Drain-to-Source
0.215
0.265
VGS = 12V, ID = 8.0A
On-State Resistance (TO-3)
RDS(on)
Static Drain-to-Source
0.21
0.26
VGS = 12V, ID = 8.0A
On-State Resistance (TO-257AA)
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
1. Part numbers IRHY57230CM, IRHY53230CM and IRHY54230CM
2. Part number IRHY58230CM
Fig a. Single Event Effect, Safe Operating Area
VSD
Diode Forward Voltage
1.2
1.2
V
VGS = 0V, IS = 12.5A
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
0
50
100
150
200
250
0
-5
-10
-15
-20
VGS
Br
I
Au
Table 2. Single Event Effect Safe Operating Area
Ion
LET
Energy
Range
V
DS
(V)
MeV/(mg/cm2))
(MeV)
(µm)
@V
GS
=0V @V
GS
=-5V @V
GS
=-10V @V
GS
=-15V @V
GS
=-20V
Br
36.7
309
39.5
200
200
150
150
50
I
59.4
341
32.5
200
200
40
35
30
Au
82.3
350
28.4
50
35
25
Radiation Characteristics
IRHY57230CM
www.irf.com
3


유사한 부품 번호 - IRHY57230CM

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHY57230CMSE IRF-IRHY57230CMSE Datasheet
175Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57230CMSE IRF-IRHY57230CMSE Datasheet
180Kb / 8P
   Simple Drive Requirements
IRHY57230CMSE IRF-IRHY57230CMSE_15 Datasheet
180Kb / 8P
   Simple Drive Requirements
More results

유사한 설명 - IRHY57230CM

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHY7230CM IRF-IRHY7230CM Datasheet
105Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY67C30CM IRF-IRHY67C30CM Datasheet
197Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY9130CM IRF-IRHY9130CM Datasheet
116Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57234CMSE IRF-IRHY57234CMSE Datasheet
120Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE ( TO-257AA)
IRHY597130CM IRF-IRHY597130CM Datasheet
107Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY597230CM IRF-IRHY597230CM Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY9230CM IRF-IRHY9230CM Datasheet
114Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57230CMSE IRF-IRHY57230CMSE Datasheet
175Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY7130CM IRF-IRHY7130CM Datasheet
108Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY597034CM IRF-IRHY597034CM Datasheet
204Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com