전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC3052 데이터시트(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 2SC3052
상세설명  TRANSISTOR (NPN)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC3052 데이터시트(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC3052 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. 3
2. 4
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Transistors
2SC3052 TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
0.15
W (Tamb=25
℃)
Collector current
ICM:
0.2
A
Collector-base voltage
V (BR) CBO:
50
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V (BR) CBO
IC = 100
µA, IE=0
50
V
Collector-emitter breakdown voltage
V (BR) CEO
IC = 100
µA, IB=0
50
V
Emitter-base breakdown voltage
V (BR) EBO
IE= 100
µA, IC=0
6
V
Collector cut-off current
ICBO
VCB= 50 V , IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB= 6V , IC=0
0.1
µA
hFE(1)
VCE= 6V, IC= 1mA
150
800
DC current gain
hFE(2)
VCE= 6V, IC= 0.1mA
50
Collector-emitter saturation voltage
VCE (sat)
IC=100mA, IB= 10mA
0.3
V
Base-emitter saturation voltage
VBE (sat)
IC= 100mA, IB= 10mA
1
V
Transition frequency
fT
VCE= 6V, IC= 10mA
180
MHz
Collector output capacitance
Cob
VCE=6V, IE=0, f=1MHz
4
pF
Noise figure
NF
VCE=6V,IE=-0.1mA, f=1KHz, RG=2KΩ
15
dB
CLASSIFICATION OF hFE(1)
Rank
E
F
G
Range
150~300
250~500
400~800
Marking
LE
LF
LG
Unit: mm
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR


유사한 부품 번호 - 2SC3052

제조업체부품명데이터시트상세설명
logo
Isahaya Electronics Cor...
2SC3052 ISAHAYA-2SC3052 Datasheet
220Kb / 5P
   LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
SHIKUES Electronics
2SC3052 SKTECHNOLGY-2SC3052 Datasheet
2Mb / 3P
   Excellent linearity of DC forward current gain
logo
Jiangsu Changjiang Elec...
2SC3052 JIANGSU-2SC3052 Datasheet
36Kb / 1P
   TRANSISTOR (NPN)
logo
Jinan Jing Heng Electro...
2SC3052 JINGHENG-2SC3052 Datasheet
1Mb / 5P
   NPN Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
2SC3052 KEXIN-2SC3052 Datasheet
41Kb / 1P
   NPN Transistor
More results

유사한 설명 - 2SC3052

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com