전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMMDT5451-WBFBP-06C 데이터시트(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

부품명 FMMDT5451-WBFBP-06C
상세설명  TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
홈페이지  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

FMMDT5451-WBFBP-06C 데이터시트(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  FMMDT5451-WBFBP-06C Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd FMMDT5451-WBFBP-06C Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd FMMDT5451-WBFBP-06C Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd FMMDT5451-WBFBP-06C Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd FMMDT5451-WBFBP-06C Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd FMMDT5451-WBFBP-06C Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
WBFBP-06C Plastic-Encapsulate Transistors
FMMDT5451
TRANSISTOR
DESCRIPTION
PNP and NPN Epitaxial Silicon Transistor
FEATURES
Complementary Pair
One 5551-Type NPN, One 5401-Type PNP
Ultra-Small Surface Mount Package
APPLICATION
Ideal for Medium Power Amplification and Switching
For portable equipment:(i.e. Mobile phone,MP3, MD,CD-ROM,
DVD-ROM, Note book PC, etc.)
MARKING: KNM
KNM
5551 MAXIMUM RATINGS* TA=25℃ unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
180
V
VCEO
Collector-Emitter Voltage
160
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
0.2
A
PC
Collector Dissipation
0.15
W
RθJA
Thermal Resistance, Junction to Ambient
625
K/W
TJ
Junction Temperature
150
Tstg
Storage Temperature range
-55-150
5401 MAXIMUM RATINGS* TA=25
℃ unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector- Base Voltage
-160
V
VCEO
Collector-Emitter Voltage
-150
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-0.2
A
PC
Collector Dissipation
0.15
W
RθJA
Thermal Resistance, Junction to Ambient
625
K/W
TJ
Junction Temperature
150
Tstg
Storage Temperature range
-55-150
WBFBP-06C
(2×2×0.5)
unit: mm
1
E1,B1,C1=NPN 5551 Section
E2,B2,C2=PNP 5401 Section


유사한 부품 번호 - FMMDT5451-WBFBP-06C

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
FMMD2835 ZETEX-FMMD2835 Datasheet
186Kb / 2P
   SOT23 SILICON PLANAR HIGH SPEED SWITCHING COMMON ANODE DIODE PAIR
FMMD2836 ZETEX-FMMD2836 Datasheet
98Kb / 2P
   SWITCHING COMMON ANODE DIODE PAIR
FMMD2837 ZETEX-FMMD2837 Datasheet
98Kb / 2P
   SOT23 SILICON PLANAR HIGH SPEED SWITCHING COMMON CATHODE DIODE PAIR
FMMD2838 ZETEX-FMMD2838 Datasheet
98Kb / 2P
   SOT23 SILICON PLANAR HIGH SPEED SWITCHING COMMON CATHODE DIODE PAIR
FMMD6050 ZETEX-FMMD6050 Datasheet
27Kb / 1P
   SOT23 SILICON PLANAR HIGH SPEED SWITCHING DIODE
More results

유사한 설명 - FMMDT5451-WBFBP-06C

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE7214 NTE-NTE7214 Datasheet
159Kb / 1P
   TRANSISTOR TRANSISTOR LOGIC
NTE74LS76A NTE-NTE74LS76A Datasheet
104Kb / 1P
   Transistor transistor logic
logo
AiT Semiconductor Inc.
MBD1505 AITSEMI-MBD1505 Datasheet
889Kb / 5P
   TRANSISTOR SWITCHING TRANSISTOR
REV1.0
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
logo
First Components Intern...
FMBTA06 FCI-FMBTA06 Datasheet
79Kb / 2P
   Silicon Transistor Amplifier Transistor
logo
AiT Semiconductor Inc.
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Jiangsu Changjiang Elec...
S9012M JIANGSU-S9012M Datasheet
194Kb / 3P
   TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com