전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q67000-A5127 데이터시트(PDF) 10 Page - Siemens Semiconductor Group

부품명 Q67000-A5127
부품 상세설명  TV-Stereo Processor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIEMENS [Siemens Semiconductor Group]
홈페이지  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A5127 데이터시트(HTML) 10 Page - Siemens Semiconductor Group

Back Button Q67000-A5127 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-A5127 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-A5127 Datasheet HTML 8Page - Siemens Semiconductor Group Q67000-A5127 Datasheet HTML 9Page - Siemens Semiconductor Group Q67000-A5127 Datasheet HTML 10Page - Siemens Semiconductor Group Q67000-A5127 Datasheet HTML 11Page - Siemens Semiconductor Group Q67000-A5127 Datasheet HTML 12Page - Siemens Semiconductor Group Q67000-A5127 Datasheet HTML 13Page - Siemens Semiconductor Group Q67000-A5127 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
TDA 6812-5
Semiconductor Group
122
g) Switching Byte IV
MXP-period = 2 s means that identification-signal decoder searches 1 s for dual and 1 s for stereo.
It is basically permissible, for the given C36,38, to make the MPX period longer, but not shorter.
QSt
=
0
Quasi-stereo OFF; power ON
QSt
=
1
Quasi-stereo ON
BE
=
0
Stereo base enlargement OFF; power ON
BE
=
1
Stereo base enlargement ON
Mono
=
0
Identification-signal decoder set to stereo and held; power ON
Mono
=
1
Normal operation of identification-signal decoder
P1
=
0
Port 1 (open collector) low (low-impedance); power ON
P1
=
1
Port 1 high (high impedance)
P2
=
0
Port 2 (open collector) low (low-impedance); power ON
P2
=
1
Port 2 high (high impedance)
Matrix
=
0
Gain matrix 0 dB
Matrix
=
1
Gain matrix 6 dB; power ON
h) Talk Mode
CL = 1
Loudspeaker signal path at clipping limit
(CL is automatically reset after each reading operation)
T3 thru T5 are test bits.
MSB
••••••LSB
MPX0
MPX1
QSt
BE
Mono
P1
P2
Matrix
MPX0
MPX1
MPX-Period
Recommended C36,38
Perm. Xtal Tolerances
0
0
2 s
Power-ON
1
µF
± 20 ppm
0
1
4 s
2.2
µF
± 10 ppm
1
0
8 s
4.7
µF
± 5 ppm
Settings specially recommended for crystal operation
0
0
2 s
470 nF
± 40 ppm
0
1
4 s
330 nF
± 70 ppm
MSB
••••••LSB
St
D
T3T4T5CL
X
X
0
0
Decoder detects mono
1
0
Decoder detects stereo
0
1
Decoder detects dual
1
1
Suppressed internally


유사한 부품 번호 - Q67000-A5127

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
Q67000-A5123 SIEMENS-Q67000-A5123 Datasheet
269Kb / 10P
   Video IF with FPLL, MAC State
Q67000-A5126 SIEMENS-Q67000-A5126 Datasheet
1Mb / 31P
   TV STEREO PROCESSOR
More results

유사한 설명 - Q67000-A5127

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
TDA6610-5 SIEMENS-TDA6610-5 Datasheet
1Mb / 31P
   TV STEREO PROCESSOR
TDA6611 SIEMENS-TDA6611 Datasheet
1Mb / 34P
   TV STEREO PROCESSOR
TDA6610-2 SIEMENS-TDA6610-2 Datasheet
1Mb / 29P
   TV-STEREO PROCESSOR
Princeton Technology Corp
Princeton Technology Co...
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2315E PTC-PT2315E Datasheet
173Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
Siemens Semiconductor Group
Siemens Semiconductor G...
TDA6612 SIEMENS-TDA6612 Datasheet
1Mb / 45P
   TV-STEREO-SOUND
TDA6612-5 SIEMENS-TDA6612-5 Datasheet
1Mb / 47P
   TV-STEREO-SOUND
National Semiconductor (TI)
National Semiconductor ...
LM1884 NSC-LM1884 Datasheet
74Kb / 3P
   TV STEREO DECODER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz