전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP4T6310 데이터시트(PDF) 2 Page - M-pulse Microwave Inc.

부품명 MP4T6310
상세설명  3 Volt, Low Noise High fT Silicon Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPLUSE [M-pulse Microwave Inc.]
홈페이지  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T6310 데이터시트(HTML) 2 Page - M-pulse Microwave Inc.

  MP4T6310 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T6310 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T6310 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T6310 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T6310 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T6310 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T6310 Datasheet HTML 7Page - M-pulse Microwave Inc. MP4T6310 Datasheet HTML 8Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3 Volt, Low Noise High fT Silicon Transistor
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
2
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
MP4T6310 Series
Electrical Specifications at 25
°C
Symbol
Parameters
Test
Conditions
Units
MP4T631000
Chip
MP4T631033
SOT-23
MP4T631035
Micro-X
MP4T631039
SOT-143
fT
Gain Bandwidth
Product
VCE = 3V
IC = 6 mA
GHz
14 typ.
12 typ.
14 typ.
12 typ.
|S21E|
2
Insertion Power
Gain
VCE = 3V
IC = 4 mA
f = 1 GHz
f = 2 GHz
dB
12 typ.
8 typ.
11 typ.
7 typ.
12 typ.
8 typ.
11 typ.
7 typ.
NF
Noise Figure
VCE = 3V
IC = 0.5 mA
IC = 1 mA
f = 1 GHz
dB
1.5 typ.
1.5 typ.
1.5 typ.
1.5 typ.
GTU (max)
Unilateral Gain
VCE = 3V
IC = 4 mA
f = 1 GHz
f = 2 GHz
dB
14.5 typ.
9 typ.
13 typ.
8 typ.
14.5 typ.
9 typ.
13 typ.
8 typ.
MAG
Maximum
Available Gain
VCE = 3V
IC = 4 mA
f = 2 GHz
dB
10 typ.
10 typ.
10 typ.
10 typ.
P1dB
Power Out at 1dB
Compression
VCE = 3V
IC = 8 mA
f = 1 GHz
dBm
1.5 typ.
1.5 typ.
1.5 typ.
1.5 typ.
RTH (J-A)
Thermal
Resistance
Junction/
Ambient
°C/W
75 max
1
700 typ.
2
600 typ.
2
700 typ.
2
1. Junction/Heat Sink RTH (J-C)
2. Free Air
Maximum Ratings at 25
°C
Parameter
Symbol
Maximum Rating
Collector Base Voltage
VCBO
8 V
Collector-Emitter Voltage
VCEO
6 V
Emitter-Base Voltage
VEBO
1.5 V
Collector Current
IC
10 mA
Junction Temperature
Tj
200
°C
Storage Temperature
Chips or Ceramic Packages
TSTG
-65
°C to +200°C
Plastic Packages
-65
°C to +125°C
Power Dissiapation
PD
-60mW
1
1. See Typical Performance Curves for power derating.
Electrical Specifications at 25
°C
Parameters
Conditions
Symbol
Min.
Typ.
Max.
Units
Collector Cut-off Current
VCB = 3 V
IE = 0
ICBO
100
nA
Emitter Cut-off Current
VEB = 1 V
IC = 0
IEBO
1
µA
Forward Current Gain
VCE = 3 V
IC = 3 mA
hFE
20
100
200
Collector Base
Junction Capacitance
VCB = 3 V
IE = 0
f = 1 MHz
COB
0.42
0.55
pF


유사한 부품 번호 - MP4T6310

제조업체부품명데이터시트상세설명
logo
M-pulse Microwave Inc.
MP4T6325 MPLUSE-MP4T6325 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
MP4T632500 MPLUSE-MP4T632500 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
MP4T632533 MPLUSE-MP4T632533 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
MP4T632535 MPLUSE-MP4T632535 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
MP4T632539 MPLUSE-MP4T632539 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
More results

유사한 설명 - MP4T6310

제조업체부품명데이터시트상세설명
logo
M-pulse Microwave Inc.
MP4T6325 MPLUSE-MP4T6325 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
MP4T6825 MPLUSE-MP4T6825 Datasheet
199Kb / 10P
   Low Current 8 Volt, Low Noise High fT Silicon Transistor
MP4T243 MPLUSE-MP4T243 Datasheet
88Kb / 7P
   Silicon Bipolar High fT Low Noise Medium Power 12 Volt Transistors
logo
AVAGO TECHNOLOGIES LIMI...
MGA-85563 AVAGO-MGA-85563 Datasheet
206Kb / 13P
   3-volt Low Noise Amplifier
logo
M-pulse Microwave Inc.
MP4T645 MPLUSE-MP4T645 Datasheet
106Kb / 8P
   Silicon Bipolar High fT Low Noise Microwave Transistors
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
   NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
logo
Motorola, Inc
MRF5811LT1 MOTOROLA-MRF5811LT1 Datasheet
155Kb / 8P
   LOW NOISE HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Central Semiconductor C...
CMPT2484 CENTRAL-CMPT2484 Datasheet
77Kb / 2P
   NPN SILICON LOW NOISE TRANSISTOR
logo
Leshan Radio Company
MMBT5087LT1 LRC-MMBT5087LT1 Datasheet
165Kb / 6P
   Low Noise Transistor(PNP Silicon)
logo
Motorola, Inc
MBC13900 MOTOROLA-MBC13900 Datasheet
813Kb / 26P
   NPN Silicon Low Noise Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com