전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MP4T6825 데이터시트(PDF) 2 Page - M-pulse Microwave Inc.

부품명 MP4T6825
상세설명  Low Current 8 Volt, Low Noise High fT Silicon Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPLUSE [M-pulse Microwave Inc.]
홈페이지  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T6825 데이터시트(HTML) 2 Page - M-pulse Microwave Inc.

  MP4T6825 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T6825 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T6825 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T6825 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T6825 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T6825 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T6825 Datasheet HTML 7Page - M-pulse Microwave Inc. MP4T6825 Datasheet HTML 8Page - M-pulse Microwave Inc. MP4T6825 Datasheet HTML 9Page - M-pulse Microwave Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Low Current 8 Volt, Low Noise High fT Silicon Transistor
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
2
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
MP4T6825 Series
Electrical Specifications at 25
°C
Symbol
Parameters
Test
Condition
s
Units
MP4T682500
Chip
MP4T682533
SOT-23
MP4T682535
Micro-X
MP4T682539
SOT-143
fT
Gain Bandwidth
Product
VCE = 8V
IC = 8 mA
GHz
8 typ.
8 typ.
8 typ.
8 typ.
|S21E|
2
Insertion Power
Gain
VCE = 8V
IC = 8 mA
f = 1 GHz
f = 2 GHz
dB
15 typ.
8 typ.
14 typ.
7 typ.
15 typ.
8 min.
14 typ.
7 typ.
NF
Noise Figure
VCE = 8V
IC = 2 mA
f = 1 GHz
f = 2 GHz
dB
1.8 max.
2.1 typ.
1.9 max.
2.2 typ.
1.8 max.
2.1 typ.
1.9 max.
2.2 typ.
GTU (max)
Unilateral Gain
VCE = 8V
IC = 8 mA
f = 1 GHz
f = 2 GHz
dB
17 typ.
11 typ.
16 typ.
10 typ.
17 typ.
11 typ.
16 typ.
10 typ.
MAG
Maximum
Available Gain
VCE = 8V
IC = 8 mA
f = 1 GHz
f = 2 GHz
dB
18 typ.
13 typ.
17 typ.
12 typ.
18 typ.
13 typ.
17 typ.
12 typ.
P1dB
Power Out at 1dB
Compression
VCE = 8V
IC = 15 mA
f = 1 GHz
f = 2 GHz
dBm
15 typ.
13.5 typ.
14 typ.
12.5 typ.
14 typ.
12.5 typ.
15 typ.
13.5 typ.
RTH (J-A)
Thermal
Resistance
Junction/
Ambient
(Free Air)
°C
650 typ.
500 typ.
625 typ.
RTH (J-C)
Thermal
Resistance
Junction/
Case
°C/W
70 max.
1
200 typ.
200 typ.
200 typ.
1.
Junction to infinite heat sink.
Electrical Specifications at 25
°C
Parameters
Conditions
Symbol
Min.
Typ.
Max.
Units
Collector Cut-off Current
VCB = 8 V
IE = 0
ICBO
100
nA
Emitter Cut-off Current
VEB = 1 V
IC = 0
IEBO
1
µA
Forward Current Gain
VCE = 8 V
IC = 5 mA
hFE
30
110
250
Collector-Base
Junction Capacitance
VCB = 8 V
IE = 0
f = 1 MHz
COB
0.25
0.40
pF


유사한 부품 번호 - MP4T6825

제조업체부품명데이터시트상세설명
logo
M-pulse Microwave Inc.
MP4T6310 MPLUSE-MP4T6310 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
MP4T631000 MPLUSE-MP4T631000 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
MP4T631033 MPLUSE-MP4T631033 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
MP4T631035 MPLUSE-MP4T631035 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
MP4T631039 MPLUSE-MP4T631039 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
More results

유사한 설명 - MP4T6825

제조업체부품명데이터시트상세설명
logo
M-pulse Microwave Inc.
MP4T6310 MPLUSE-MP4T6310 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
MP4T6325 MPLUSE-MP4T6325 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
MP4T243 MPLUSE-MP4T243 Datasheet
88Kb / 7P
   Silicon Bipolar High fT Low Noise Medium Power 12 Volt Transistors
MP4T645 MPLUSE-MP4T645 Datasheet
106Kb / 8P
   Silicon Bipolar High fT Low Noise Microwave Transistors
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
   NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
logo
Motorola, Inc
MRF5811LT1 MOTOROLA-MRF5811LT1 Datasheet
155Kb / 8P
   LOW NOISE HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Central Semiconductor C...
CMPT2484 CENTRAL-CMPT2484 Datasheet
77Kb / 2P
   NPN SILICON LOW NOISE TRANSISTOR
logo
Leshan Radio Company
MMBT5087LT1 LRC-MMBT5087LT1 Datasheet
165Kb / 6P
   Low Noise Transistor(PNP Silicon)
logo
Motorola, Inc
MBC13900 MOTOROLA-MBC13900 Datasheet
813Kb / 26P
   NPN Silicon Low Noise Transistor
MRF1047T1 MOTOROLA-MRF1047T1 Datasheet
162Kb / 12P
   NPN Silicon Low Noise Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com