전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

FBR830 데이터시트(HTML) 1 Page - First Components International

부품명 FBR830
상세내용  8.0 Amp SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FCI [First Components International]
홈페이지  http://www.cotra.com.tw/
Logo 

FBR830 데이터시트(HTML) 1 Page - First Components International

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
............................................. 8.0 ...............................................
............................................. 16 ...............................................
............................................. 120 ...............................................
............................................. 1.0 ...............................................
......................................... -65 to 150 ..........................................
......................................... -65 to 175 ..........................................
.........................................
.57
..........................................
.........................................
.72
..........................................
.........................................
.84
..........................................
............................................. 2.0 ...............................................
............................................. 15 ...............................................
............................................. 3.0 ...............................................
............................................. 60 ...............................................
Description
Features
Mechanical Dimensions
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
RWM
DC Blocking Voltage...V
DC
FBR830 . . . 845 Series
Page 7-12
FBR830
FBR835
FBR840
FBR845
30
35
40
45
30
35
40
45
30
35
40
45
Data Sheet
8.0 Amp SCHOTTKY
BARRIER RECTIFIERS
Units
Volts
Volts
Volts
Amps
Amps
Amps
Amps
°C
°C
Volts
Volts
Volts
mAmps
mAmps
°C / W
°C / W
n HIGH CURRENT CAPABILITY
WITH LOW V
F
n HIGH EFFICIENCY w/LOW POWER LOSS
n HIGH SURGE VOLTAGE AND
TRANSIENT PROTECTION
n MEETS UL SPECIFICATION 94V-0
Average Forward Rectified Current...I
o
T
c = 105°C
Repetitive Peak Forward Surge Current...I
FM
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Current & Temp
Repetitive Peak Reverse Surge Current...I
RSM
Sinosoidal Wave, 60Hz, 1 Cycle, T
J = 125°C
Operating Temperature Range...T
J
Storage Temperature Range...T
STRG
Maximum Forward Voltage...V
F
@ I
F = 8.0 Amps, TC = 125°C
@ I
F = 15 Amps,
T
C = 125°C
@ I
F = 15 Amps,
T
C = 25°C
Maximum DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
L = 25°C
T
L =125°C
Maximum Thermal Resistance...R
θJC
Maximum Thermal Resistance...R
θJA
JEDEC
T0-220AC
Electrical Characteristics
1
3
2
Case


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn