์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

FBR1035 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - First Components International

๋ถ€ํ’ˆ๋ช… FBR1035
์ƒ์„ธ๋‚ด์šฉ  10 Amp SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  FCI [First Components International]
ํ™ˆํŽ˜์ด์ง€  http://www.cotra.com.tw/
Logo 

FBR1035 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - First Components International

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 2 / 2 page
background image
Data Sheet
10 Amp SCHOTTKY
BARRIER RECTIFIERS
Page 7-15
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V.
2. Thermal Resistance Junction to Case, Jedec Method.
3. When Mounted to heat sink, from body.
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Reverse Voltage (Volts)
Typical Reverse Characteristics
Reverse Voltage (Volts)
Forward Current Derating Curve
Forward Voltage (Volts)
Typical Forward Characteristics
Lead Temperature (oC)
Typical Junction Capacitance
Forward Voltage (Volts)
Typical Forward Characteristics
1
3
2
Case
1
3
2
Case
Case Positive, No
Suffix Required
Case Negative, Use
Suffix "R"


Html Pages

1  2 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
SR1201.0 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Formosa MS
SR320P3.0 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Formosa MS
FBR7357.5 Amp SCHOTTKY BARRIER RECTIFIERS 1 2 First Components International
SR5905.0 Amp SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions 1 First Components International
SK4040C40 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 DIOTEC Electronics Corporation
SR162016.0 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Formosa MS
1N5817L1.0 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Formosa MS
SR5100H5.0 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Formosa MS
1N5819UR1 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Microsemi Corporation
FBR8308.0 Amp SCHOTTKY BARRIER RECTIFIERS 1 2 First Components International

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn