์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

FBR3090 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - First Components International

๋ถ€ํ’ˆ๋ช… FBR3090
์ƒ์„ธ๋‚ด์šฉ  30 Amp 90 & 100V SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  FCI [First Components International]
ํ™ˆํŽ˜์ด์ง€  http://www.cotra.com.tw/
Logo 

FBR3090 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - First Components International

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Electrical Characteristics @ 25oC.
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
Working Peak Reverse Voltage...V
RWM
DC Blocking Voltage...V
DC
RMS Reverse Voltage...V
R(rms)
FBR3090 & 30100
Average Forward Rectified Current...I
O
@ T
C = 110ยฐC VR (equiv.) < = 0.2VR(DC)
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Load Conditions, ยฝ Sine Wave, Single Phase, 60HZ
Forward Voltage...V
F
@ I
F = 15 Amps
DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
C = 25ยฐC
T
C =150ยฐC
Operating Temperature Range...T
J
Data Sheet
30 Amp 90 & 100V SCHOTTKY
BARRIER RECTIFIERS
Units
............................................. 3 0 ...............................................
............................................. 300 ...............................................
............................................. .55 ...............................................
............................................. 1 0 ...............................................
............................................. 100 ...............................................
......................................... -65 to 150 ..........................................
Volts
Volts
Volts
Volts
Amps
Amps
Volts
mAmps
mAmps
ยฐC
Page 7-38
n HIGH CURRENT CAPABILITY
WITH LOW V
F
n HIGH EFFICIENCY w/LOW POWER LOSS
n HIGH SURGE VOLTAGE AND
TRANSIENT PROTECTION
n MEETS UL SPECIFICATION 94V-0
FBR3090
FBR30100
9 0
100
9 0
100
9 0
100
21
42
JEDEC
T0-3P
.050 Typ
.200
.175
.75
.670
.900
.200
2 plcs.


Html Pages

1  2 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
1N58203.0 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Bytes
SM220B2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS 1 2 Bytes
SR302030.0 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Bytes
1N5820US3 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Compensated Deuices Incorporated
SR8208.0 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Formosa MS
20CTQ03520 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Microsemi Corporation
SK4070C40 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 DIOTEC Electronics Corporation
FBR253025 Amp SCHOTTKY BARRIER RECTIFIERS 1 2 First Components International
SM320B3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS 1 2 Bytes
SR3203.0 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Bytes

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn