์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

FBR4030 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - First Components International

๋ถ€ํ’ˆ๋ช… FBR4030
์ƒ์„ธ๋‚ด์šฉ  40 Amp SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  FCI [First Components International]
ํ™ˆํŽ˜์ด์ง€  http://www.cotra.com.tw/
Logo 

FBR4030 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - First Components International

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 2 / 2 page
background image
Data Sheet
40 Amp SCHOTTKY
BARRIER RECTIFIERS
Page 7-41
Ratingsat
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 Hz
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Reverse Voltage (V)
Typical Reverse Characteristics
Reverse Voltage (V)
Forward Current Derating Curve
Number of Cycles @ 60 Hz
Peak Forward Surge Current
Case Temperature (oC)
Typical Junction Capacitance
Forward Voltage (V)
Typical Forward Characteristics
Reverse Voltage (V)
Typical Reverse Characteristics
FBR4030...4035
FBR4050...4060
FBR4030...4035
FBR4050...4060


Html Pages

1  2 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
1N58191 AMP SCHOTTKY BARRIER RECTIFIERS 1 2 Microsemi Corporation
1N5820_13.0A SCHOTTKY BARRIER RECTIFIERS 1 2 Diodes Incorporated
SD830_18.0A SCHOTTKY BARRIER RECTIFIERS 1 2 Diodes Incorporated
82CNQ030APBFSCHOTTKY RECTIFIER 80 Amp New GenIII D-61 Package 1 2 3 4 5 MoreInternational Rectifier
YA846C04BSchottky Barrier Diode 1 2 3 4 5 MoreFuji Electric
CMS-S040-020SCHOTTKY BARRIER DIODE 1 Champion Microelectronic Corp.
SBL3040CSCHOTTKY BARRIER RECTIFIER DIODES 1 2 Unisonic Technologies
CMS-S087-060SCHOTTKY BARRIER DIODE 1 Champion Microelectronic Corp.
MBRB1530CT_15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn